Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1646P Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1646P
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1646P Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1646P Datasheet HTML 3Page - Dallas Semiconductor DS1646P Datasheet HTML 4Page - Dallas Semiconductor DS1646P Datasheet HTML 5Page - Dallas Semiconductor DS1646P Datasheet HTML 6Page - Dallas Semiconductor DS1646P Datasheet HTML 7Page - Dallas Semiconductor DS1646P Datasheet HTML 8Page - Dallas Semiconductor DS1646P Datasheet HTML 9Page - Dallas Semiconductor DS1646P Datasheet HTML 10Page - Dallas Semiconductor DS1646P Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS1646/DS1646P
7 of 11
AC ELECTRICAL CHARACTERISTICS
(Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
120
ns
Address Access Time
tAA
120
ns
CE
Access Time
tCEA
120
ns
CE
Data Off Time
tCEZ
40
ns
Output Enable Access Time
tOEA
100
ns
Output Enable Data Off Time
tOEZ
40
ns
Output Enable to DQ Low-Z
tOEL
5ns
CE
to DQ Low-Z
tCEL
5ns
Output Hold from Address
tOH
5ns
Write Cycle Time
tWC
120
ns
Address Setup Time
tAS
0ns
CE
Pulse Width
tCEW
100
ns
Address Hold from End of Write
tAH1
tAH2
5
30
ns
ns
5
6
Write Pulse Width
tWEW
75
ns
WE
Data Off Time
tWEZ
40
ns
WE
or CE Inactive Time
tWR
10
ns
Data Setup Time
tDS
85
ns
Data Hold Time High
tDH1
tDH2
0
25
ns
ns
5
6
AC TEST CONDITIONS
Input Levels:
0V to 3V
Transition Times:
5 ns
CAPACITANCE
(tA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance on all pins (except DQ)
CI
7pF
Capacitance on DQ pins
CDQ
10
pF
AC ELECTRICAL CHARACTERISTICS
(POWER-UP/DOWN TIMING)
(Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE
or WE at VIH before Power-Down
tPD
0
µs
VPF (Max) to VPF (Min) VCC Fall Time
tF
300
µs
VPF (Min) to VSO VCC Fall Time
tFB
10
µs
VSO to VPF (Min) VCC Rise Time
tRB
1
µs
VPF (Min) to VPF (Max) VCC Rise Time
tR
0
µs
Power-Up
tREC
15
35
ms
Expected Data Retention Time
(Oscillator On)
tDR
10
years
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com