Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LF2407APGS Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS320LF2407APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2407APGS Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320LF2407APGS Datasheet HTML 22Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 23Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 24Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 25Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 26Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 27Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 28Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 29Page - Texas Instruments TMS320LF2407APGS Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
26
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory maps (continued)
Illegal
Reserved
Program
Hex
Data
Memory-Mapped
Registers/Reserved Addresses
On-Chip DARAM B2
Illegal
On-Chip DARAM (B0)§ (CNF = 0)
Reserved (CNF = 1)
On-Chip DARAM (B1)
Reserved
SARAM (1K)
Internal (DON = 1)
Reserved (DON = 0)
Illegal
Peripheral Memory-Mapped
Registers (System, WD, ADC,
SCI, SPI, I/O, Interrupts)
On-Chip DARAM (B0)‡ (CNF = 1)
Reserved (CNF = 0)
SARAM (See Table 1 for details.)
On-Chip ROM memory
Reserved or Illegal
0000
Hex
7FFF
8000
FFFF
FEFF
FF00
FDFF
FE00
83FF
8400
0000
005F
0060
007F
0080
01FF
0200
02FF
0300
03FF
0400
07FF
0800
6FFF
7000
7FFF
8000
FFFF
0BFF
0C00
SARAM (1K)
Internal (PON = 1)
Reserved (PON = 0)
Reserved
3FFF
4000
On-Chip ROM (16K)
Interrupt Vectors (0000−003Fh)
Reserved† (0040−0043h)
User code begins at 0044h
Reserved‡
00FF
0100
Reserved
Illegal
04FF
0500
Reserved
3FBF
3FC0
† Addresses 0040h−0043h in program memory are reserved for code security passwords.
‡ When CNF = 1, addresses FE00h−FEFFh and FF00h−FFFFh are mapped to the same physical block (B0) in program-memory space. For
example, a write to FE00h has the same effect as a write to FF00h. For simplicity, addresses FE00h−FEFFh are referred to as reserved.
§ When CNF = 0, addresses 0100h−01FFh and 0200h−02FFh are mapped to the same physical block (B0) in data-memory space. For example,
a write to 0100h has the same effect as a write to 0200h. For simplicity, addresses 0100h−01FFh are referred to as reserved.
Addresses 0300h−03FFh and 0400h−04FFh are mapped to the same physical block (B1) in data-memory space. For example, a write to 0400h
has the same effect as a write to 0300h. For simplicity, addresses 0400h−04FFh are referred to as reserved.
Figure 6. TMS320LC2404A Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com