Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1747-70 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1747-70
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1747-70 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1747-70 Datasheet HTML 3Page - Dallas Semiconductor DS1747-70 Datasheet HTML 4Page - Dallas Semiconductor DS1747-70 Datasheet HTML 5Page - Dallas Semiconductor DS1747-70 Datasheet HTML 6Page - Dallas Semiconductor DS1747-70 Datasheet HTML 7Page - Dallas Semiconductor DS1747-70 Datasheet HTML 8Page - Dallas Semiconductor DS1747-70 Datasheet HTML 9Page - Dallas Semiconductor DS1747-70 Datasheet HTML 10Page - Dallas Semiconductor DS1747-70 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
7 of 18
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………………..-0.3V to +6.0V
Storage Temperature Range………………………………………………………………………………...-40°C to +85°C
Soldering Temperature………………………….See IPC/JEDEC Standard J-STD-020A for Surface-Mount Devices.
See Note 7 for Through-Hole Mounted Devices.
This is a stress rating only and functional operation of the device at these or any other condition above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect reliability.
OPERATING RANGE
RANGE
TEMP RANGE
VCC
Commercial
0°C to +70°C
3.3V
±10% or 5V ±10%
Industrial
-40°C to +85°C
3.3V
±10% or 5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
(TA = Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VIH
2.2
VCC +
0.3V
V
1
Logic 1 Voltage All Inputs
VCC = 5V
±10%
VCC = 3.3V
±10%
VIH
2.0
VCC +
0.3V
V
1
VIL
-0.3
+0.8
V
1
Logic 0 Voltage All Inputs
VCC = 5V
±10%
VCC = 3.3V
±10%
VIL
-0.3
+0.6
V
1
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V
± 10%, TA = Over the Operating Range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
Icc
85
mA
2, 3
TTL Standby Current
(
CE = VIH)
Icc1
6
mA
2, 3
CMOS Standby Current
( CE
³ VCC - 0.2V)
Icc2
4
mA
2, 3
Input Leakage Current
(Any Input)
IIL
-1
+1
mA
Output Leakage Current
(Any Output)
IOL
-1
+1
mA
Output Logic 1 Voltage
(IOUT = -1.0 mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT = +2.1 mA)
VOL
0.4
1
Write Protection Voltage
VPF
4.25
4.50
V
1
Battery Switchover Voltage
VSO
VBAT
1, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com