Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTV1500LFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # DTV1500LFP
Description  (CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500LFP Datasheet(HTML) 1 Page - STMicroelectronics

  DTV1500LFP Datasheet HTML 1Page - STMicroelectronics DTV1500LFP Datasheet HTML 2Page - STMicroelectronics DTV1500LFP Datasheet HTML 3Page - STMicroelectronics DTV1500LFP Datasheet HTML 4Page - STMicroelectronics DTV1500LFP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
January 2002 - Ed: 2B
s
High breakdown voltage capability
s
High frequency operation
s
Specified turn on switching characteristics
s
Very fast recovery diode
s
Low static and peak forward voltage drop for low
dissipation
s
Insulated package: TO-220FPAC
Insulating voltage = 2000V DC
Capacitance = 12pF
s
Planar technology allowing high quality and best
electrical characteristics
FEATURES AND BENEFITS
High voltage diode especially designed for
horizontal deflection stage in standard and high
resolution displays for TV’s and monitors.
This device is packaged in TO-220FPAC
(insulated package).
DESCRIPTION
IF(AV)
4A
VRRM
1500 V
VF (max)
1.5 V
trr (max)
170 ns
MAIN PRODUCTS CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1500
V
IF(RMS)
RMS forward current
15
A
IFSM
Surge non repetitive forward current
tp = 10ms
sinusoidal
50
A
Tstg
Storage temperature
- 65 to 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE MAXIMUM RATINGS
DTV1500LFP
®
(CRT HORIZONTAL DEFLECTION)
HIGH VOLTAGE DAMPER DIODE
K
A
TO-220FPAC
DTV1500LFP
A
K


Similar Part No. - DTV1500LFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV1500 STMICROELECTRONICS-DTV1500 Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HD STMICROELECTRONICS-DTV1500HD Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HF STMICROELECTRONICS-DTV1500HF Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HFP STMICROELECTRONICS-DTV1500HFP Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HXX STMICROELECTRONICS-DTV1500HXX Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
More results

Similar Description - DTV1500LFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV STMICROELECTRONICS-DTV Datasheet
141Kb / 10P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Aug-1999
DTV1500HXX STMICROELECTRONICS-DTV1500HXX Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500MXX STMICROELECTRONICS-DTV1500MXX Datasheet
90Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV32G-1500B STMICROELECTRONICS-DTV32G-1500B Datasheet
85Kb / 6P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Nov-1997
logo
Sanyo Semicon Device
2SC3176 SANYO-2SC3176 Datasheet
73Kb / 3P
CRT Horizontal Deflection Output Applications (with Damper Diode)
logo
Fairchild Semiconductor
KSC5802 FAIRCHILD-KSC5802 Datasheet
85Kb / 5P
High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
logo
KEC(Korea Electronics)
KSC5803 KEC-KSC5803 Datasheet
90Kb / 5P
High Voltage Color Display Horizontal Deflection Output(No Damper Diode)
logo
Fairchild Semiconductor
KSD5703 FAIRCHILD-KSD5703 Datasheet
69Kb / 5P
High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
KSC5801 FAIRCHILD-KSC5801 Datasheet
79Kb / 6P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
KSD5702 FAIRCHILD-KSD5702 Datasheet
80Kb / 5P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com