Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFP2 Datasheet(PDF) 1 Page - Copal Electronics

Part # CFP2
Description  Ultra-Miniature Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFP2 Datasheet(HTML) 1 Page - Copal Electronics

  CFP2 Datasheet HTML 1Page - Copal Electronics CFP2 Datasheet HTML 2Page - Copal Electronics CFP2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CFP2
Ultra-Miniature
Pushbutton Switches
■Features
1.
 Ultra-miniature pushbutton switch for high density mounting.
2.
 Washable.
3.
 Terminal pin pitch: 2.54 mm.
4.
 Independent detent mechanism ensures light operational feel.
5.
 Clip contact mechanism for long-term contact reliability.
6.
 Gold-plated contacts.
■ SpeciÄcations
Rating
Max.
0.4VA
(28VDC max.)
Min.
1
μA 20mVDC
Initial contact resistance
100m
Ω max. 
(1.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
500M
Ω min.(250VDC)
Electrical life
10,000 operations at max.rating,
30,000 operations at min.rating,
Mechanical life
30,000 cycles
Operating force
1.47
±0.98N
Operating
temperature range
−40∼+85℃
Storage
temperature range
−40∼+85℃
■Part Numbering
Terminal Pins: Straight
Actuator Color: Gray
CFP2
2
R
C 4
A
W
Series Actuator
Actuator shape
Actuator shape
Packaging spec
Packaging spec
Tray
Number of poles
Number of poles
Switching function
Switching function
ON −(ON)
Terminal style
Terminal style
Type
P
FR
AW
1
2
C
C4
C6
Code
Code
Code
Fig.
Fig.
1 pole
1 pole
Pushbutton
P/C
Right angle
Vertical mounting
Standard
2 poles
Terminal style of C (Style : PC Terminal)
Terminal style of C4 (Style : R/A Terminal)
Terminal style of C6 (Style : V/M Terminal)
2 poles
C4
(ON)
:Momentary.
RoHS Compliant
Washable


Similar Part No. - CFP2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CFP2 PANDUIT-CFP2 Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
CFP2IW PANDUIT-CFP2IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
logo
OPLINK Communications I...
CFP2XL4L2C000E1G OPLINK-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
40GBASE-LR4 CFP Transceiver
CFP2XL4L2C000O3G OPLINK-CFP2XL4L2C000O3G Datasheet
143Kb / 1P
Multirate 40GBASE-LR4 CFP Transceiver
More results

Similar Description - CFP2

ManufacturerPart #DatasheetDescription
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
Miniature Pushbutton Switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
Miniature pushbutton switches
logo
Copal Electronics
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
Ultra-Miniature Illuminated Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
Ultra-Miniature Pushbutton Switches
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
Miniature Pushbutton Switches
logo
C&K Components
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com