Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2120CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2120CS
Description  100MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2120CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2120CS Datasheet HTML 1Page - Intersil Corporation EL2120CS Datasheet HTML 2Page - Intersil Corporation EL2120CS Datasheet HTML 3Page - Intersil Corporation EL2120CS Datasheet HTML 4Page - Intersil Corporation EL2120CS Datasheet HTML 5Page - Intersil Corporation EL2120CS Datasheet HTML 6Page - Intersil Corporation EL2120CS Datasheet HTML 7Page - Intersil Corporation EL2120CS Datasheet HTML 8Page - Intersil Corporation EL2120CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
NOTES:
1. The input is moved from -3V to +3V
2. The supplies are moved from ±5V to ±15V
Absolute Maximum Ratings (TA = 25°C)
Voltage between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33V
Voltage at +IN, -IN, VOUT . . . . . . . . . . . . . (V-) - 0.5V to (V+) + 0.5V
Voltage between +IN and -IN . . . . . . . . . . . . . . . . . . . . . . . . . . . .±5V
Voltage at /Disable . . . . . . . . . . . . . . . . . . . (V+) - 10V to (V+) + 0.5V
Current into +IN, -IN, and /Disable. . . . . . . . . . . . . . . . . . . . . . ±5mA
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±50mA
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Ambient Temperature Range . . . . . . . . . . . . . .0° to 75°C
Operating Junction Temperature PDIP or SO . . . . . . . . . . . . . 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
VS = ±5V; RL = 150Ω, TA = 25°C unless otherwise specified
PARAMETER
DESCRIPTION
TEMP
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±15V
Full
Full
4
2
20
25
mV
mV
VOS/T
Input Offset Drift
Full
20
µV/°C
IB+
+VIN Input Bias Current
Full
5
15
µA
IB-
-VIN Input Bias Current
Full
10
50
µA
CMRR
Common-Mode Rejection (Note 1)
Full
50
55
dB
-ICMR
-Input Current Common-Mode Rejection (Note 1)
Full
8
20
µA/V
PSRR
Power Supply Rejection (Note 2)
Full
65
80
dB
+IPSR
+Input Current Power Supply Rejection (Note 2)
25°C
0.03
µA/V
-IPSR
-Input Current Power Supply Rejection (Note 2)
Full
0.6
5
µA/V
ROL
Transimpedance
Full
70
140
k
Ω
AVOL
Voltage Gain
Full
58
66
dB
+RIN
+VIN Input Impedance
25°C
2
M
Ω
VIN
+VIN Range
Full
±3.0
±3.5
V
VO
Output Voltage Swing
Full
±3.0
±3.5
V
ISC
Output Short-Circuit Current
25°C
100
mA
IO,DIS
Output Current, Disabled
Full
5
50
µA
VDIS,ON
Disable Pin Voltage for Output Enabled
Full
(V+) - 1
V
VDIS,OFF
Disable Pin Voltage for Output Disabled
Full
(V+) - 4
V
IDIS,ON
Disable Pin Current for Output Enabled
Full
5
µA
IDIS,OFF
Disable Pin Current for Output Disabled
Full
1.0
mA
IS
Supply Current (VS = ±15V)
Full
17
20
mA
EL2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com