Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPB-1CC-3O2W Datasheet(PDF) 3 Page - Copal Electronics

Part # CFPB-1CC-3O2W
Description  Illuminated Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFPB-1CC-3O2W Datasheet(HTML) 3 Page - Copal Electronics

  CFPB-1CC-3O2W Datasheet HTML 1Page - Copal Electronics CFPB-1CC-3O2W Datasheet HTML 2Page - Copal Electronics CFPB-1CC-3O2W Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■LED SpeciÄcation
Item
Symbol
Absolute Maximum Rating※1
Code
Red
Orange Green
Yellow
Power Dissipation
Pd
75
70
70
85
m
W
Forward Curent
IF
30
25
25
30
m
A
Forward Voltage
VF
2.8
2.8
2.8
2.8
V
Puls Forward Current※2
IFRM
75
60
60
75
m
A
Current Derating
(Ta≦25℃)
△
IF
0.40
0.33
0.33
0.40
m
A/
℃
Reverse Voltage
VR
4444
V
CFPB
■Table of Part Numbers
※1. Absolute Maximum Rating is the limit value that must
not be exceeded even momentarily. Be sure to consider
the safety margin for designing the circuit.
※2. Measurement conditions of IFRM
Pulse width <= 1 ms; Duty ratio <= 1/20.
※3. The above ratings are specified at ambient
temperature Ta = 25
℃.
□ 6mm Sq.
Part No.
LED color
Button color
 CFPB-1CC-1W6W
Non-illuminated
White
 CFPB-1CC-1R6W
Non-illuminated
Red
☆CFPB-1CC-1G6W
Non-illuminated
Green
☆CFPB-1CC-1Y6W
Non-illuminated
Yellow
☆CFPB-1CC-1B6W
Non-illuminated
Blue
☆CFPB-1CC-1O6W
Non-illuminated
Orange
 CFPB-1CC-2R6W
Red
Red
☆CFPB-1CC-3O6W
Orange
Orange
 CFPB-1CC-4W6W
Yellow
White
☆CFPB-1CC-5G6W
Green
Green
☆CFPB-1CC-5Y6W
Green
Yellow
☆CFPB-1CC-5B6W
Green
Blue
□ 11mm Sq.
Part No.
LED color
Button color
 CFPB-1CC-1W1W
Non-illuminated
White
 CFPB-1CC-1R1W
Non-illuminated
Red
☆CFPB-1CC-1G1W
Non-illuminated
Green
☆CFPB-1CC-1Y1W
Non-illuminated
Yellow
☆CFPB-1CC-1B1W
Non-illuminated
Blue
☆CFPB-1CC-1O1W
Non-illuminated
Orange
 CFPB-1CC-2R1W
Red
Red
☆CFPB-1CC-3O1W
Orange
Orange
 CFPB-1CC-4W1W
Yellow
White
☆CFPB-1CC-5G1W
Green
Green
☆CFPB-1CC-5Y1W
Green
Yellow
☆CFPB-1CC-5B1W
Green
Blue
□ 9mm Sq.
Part No.
LED color
Button color
 CFPB-1CC-1W9W
Non-illuminated
White
 CFPB-1CC-1R9W
Non-illuminated
Red
☆CFPB-1CC-1G9W
Non-illuminated
Green
☆CFPB-1CC-1Y9W
Non-illuminated
Yellow
☆CFPB-1CC-1B9W
Non-illuminated
Blue
☆CFPB-1CC-1O9W
Non-illuminated
Orange
 CFPB-1CC-2R9W
Red
Red
☆CFPB-1CC-3O9W
Orange
Orange
 CFPB-1CC-4W9W
Yellow
White
☆CFPB-1CC-5G9W
Green
Green
☆CFPB-1CC-5Y9W
Green
Yellow
☆CFPB-1CC-5B9W
Green
Blue
□ 12mm Sq.
Part No.
LED color
Button color
 CFPB-1CC-1W2W
Non-illuminated
White
 CFPB-1CC-1R2W
Non-illuminated
Red
☆CFPB-1CC-1G2W
Non-illuminated
Green
☆CFPB-1CC-1Y2W
Non-illuminated
Yellow
☆CFPB-1CC-1B2W
Non-illuminated
Blue
☆CFPB-1CC-1O2W
Non-illuminated
Orange
 CFPB-1CC-2R2W
Red
Red
☆CFPB-1CC-3O2W
Orange
Orange
 CFPB-1CC-4W2W
Yellow
White
☆CFPB-1CC-5G2W
Green
Green
☆CFPB-1CC-5Y2W
Green
Yellow
☆CFPB-1CC-5B2W
Green
Blue
■Packaging SpeciÄcations
50pcs/Tray
□6、□9
6mm/9mm Sq.
□11、□12
11mm/12mm Sq.
☆:Semi-standard product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com