Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF4949 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLF4949
Description  5V Low Drop Out Linear Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF4949 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLF4949 Datasheet HTML 15Page - Infineon Technologies AG TLF4949 Datasheet HTML 16Page - Infineon Technologies AG TLF4949 Datasheet HTML 17Page - Infineon Technologies AG TLF4949 Datasheet HTML 18Page - Infineon Technologies AG TLF4949 Datasheet HTML 19Page - Infineon Technologies AG TLF4949 Datasheet HTML 20Page - Infineon Technologies AG TLF4949 Datasheet HTML 21Page - Infineon Technologies AG TLF4949 Datasheet HTML 22Page - Infineon Technologies AG TLF4949 Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TLF4949
Package Outlines
Data Sheet
21
Rev. 1.0, 2012-05-07
Figure 11
PG-DSO-8 Exposed Pad
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e
Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
PG-DSO-8-27-PO V01
14
85
8
14
5
8x
0.41±0.09
2)
M
0.2
D
C A-B
1.27
C
0.08
Seating Plane
C
A
B
4.9±0.1
1)
A-B
C
0.1
2x
3) JEDEC reference MS-012 variation BA
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Dambar protrusion shall be maximum 0.1 mm total in excess of lead width
Bottom View
±0.2
3
0.2
±0.2
D
6
M
D 8x
0.64 ±0.25
3.9±0.1
1)
0.1
0.35 x 45˚
CD 2x
Index Marking
For further information on packages, please visit our website:
http://www.infineon.com/packages.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com