Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8761CY Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8761CY
Description  LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8761CY Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8761CY Datasheet HTML 6Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 7Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 8Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 9Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 10Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 11Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 12Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 13Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
8761CY
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 7, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8761
LOW VOLTAGE, LOW SKEW,
PCI / PCI-X CLOCK GENERATOR
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS8761 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDOx
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
DDA.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
µF
.01
µF
3.3V
.01
µF
V
DD
C2
SPARE
XTAL2
XTAL1
X1
18pF Parallel Cry stal
C1
SPARE
CRYSTAL INPUT INTERFACE
The ICS8761 crystal interface is shown in
Figure 2. While layout
the PC Board, it is recommended to provide C1 and C2 spare
footprints for frequency fine tuning. For an 18pF parallel reso-
FIGURE 2. CRYSTAL INPUT INTERFACE
nant crystal, the C1 and C2 are expected to be ~10pF and ~5pF
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com