Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVS Datasheet(PDF) 1 Page - Copal Electronics

Part # CVS
Description  SLIDE SWITCHES (1 mm PITCH)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CVS Datasheet(HTML) 1 Page - Copal Electronics

  CVS Datasheet HTML 1Page - Copal Electronics CVS Datasheet HTML 2Page - Copal Electronics CVS Datasheet HTML 3Page - Copal Electronics CVS Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CVS
■
FEATURES
●
RoHS compliant
●
Lowest profile design of 1.45 mm
●
Fine pitch of 1 mm
●
Easy motion with knob height of 0.2 mm
Part name
①
②
③
④
⑤
⑥
⑦
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Earth terminal
Material
Flammability
UL94V-0
—
—
Stainless steel, Gold-plated
Stainless steel, Gold-plated
Stainless steel, Gold-plated
Polyamide
Polyphenylenesulphide
Copper alloy, Gold-plated
Internal structure
■
PART NUMBER DESIGNATION
C V S - 0 4 T B - 1
Series name
No. of bits
01:1 bit
04:4 bits
02:2 bits
08:8 bits
03:3 bits
Shape of terminal
B:Gull wing
C:Through hole
Taping
1:500 pcs./reel
Blank:2000 pcs./reel
Form of packaging
T :Taping (Reel)
Blank : Bulk in plastic bag (01C : Plastic bag only)
SLIDE SWITCHES (1 mm PITCH)
no. of bits
1
2
3
Taping
Taping
Plastic bag
Taping
Taping
Plastic bag
Taping
Taping
Plastic bag
CVS-01TB-1
CVS-01TB
2000 pcs./reel
500 pcs./reel
CVS-01B
CVS-01C
100 pcs./pack
2000 pcs./reel
500 pcs./reel
100 pcs./pack
2000 pcs./reel
500 pcs./reel
100 pcs./pack
CVS-02TB-1
CVS-02TB
CVS-02B
CVS-03TB-1
CVS-03TB
CVS-03B
shape of
terminals
Form of
packaging
Pieces in package
B
(Gull wing)
C
(through hole)
■
LIST OF PART NUMBERS
③
①
⑦
⑥
④
⑤
②
RoHS compliant
no. of bits
4
8
Taping
Taping
Plastic bag
Taping
Taping
Plastic bag
CVS-04TB-1
CVS-04TB
2000 pcs./reel
500 pcs./reel
CVS-04B
100 pcs./pack
2000 pcs./reel
500 pcs./reel
100 pcs./pack
CVS-08TB-1
CVS-08TB
CVS-08B
shape of
terminals
Form of
packaging
Pieces in package
B
(Gull wing)
C
(through hole)


Similar Part No. - CVS

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
CVS-1454 NI-CVS-1454 Datasheet
442Kb / 5P
Real-time FireWire image acquisition,analysis, and storage
logo
CUI INC
CVS-1508 CUI-CVS-1508 Datasheet
1Mb / 4P
plastic frame, mylar cone, plastic case
logo
CUI Devices
CVS-1508 CUID-CVS-1508 Datasheet
927Kb / 5P
SPEAKER
08/05/2022
logo
CUI INC
CVS-1708 CUI-CVS-1708 Datasheet
723Kb / 4P
SPEAKER
logo
CUI Devices
CVS-1708 CUID-CVS-1708 Datasheet
545Kb / 4P
SPEAKER
08/05/2022
More results

Similar Description - CVS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
GREATECS
SB1 GREATECS-SB1 Datasheet
287Kb / 2P
8 mm Slide Switches
SB3 GREATECS-SB3 Datasheet
273Kb / 2P
8.8 mm Horizontal Slide Switches
SB89 GREATECS-SB89 Datasheet
114Kb / 2P
14 mm Halogen-Free Slide Switches
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com