| Electronic Components Datasheet Search |
|
DP7124 Datasheet(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7124 Datasheet(HTML) 5 Page - Copal Electronics |
|
5 / 12 page ![]() DP7110, DP7118, DP7119, DP7123, DP7124, DP7125 5 Functional Description The DP7110/7118/7119/7123/7124/7125 consist of a fixed resistor and a wiper contact with 32 tap points that are digitally controlled through a 2 wire up/down serial interface. Three end to end resistance values are available: 10 k , 50 k and 100 k . The DP7110/7125 is designed to operate as a potentiometer. In this configuration, the low terminal of the resistor array is connected to ground (pin 2). The DP7118/7123 performs as a variable resistor. In this device, the wiper terminal and high terminal of the resistor array are connected at pin 5. The DP7119/7124 is a similar variable resistor, except the low terminal is connected to pin 5. Digital Interface Operation The devices have two modes of operation when the serial interface is active: increment and decrement mode. The serial interface is only active when CS is low. The CS and U/D inputs control the position of the wiper along the resistor array. When CS transitions from high to low, the part will go into increment mode if U/D input is high, and into decrement mode when U/D input is low. Once the mode is set, the device will remain in that mode until CS goes high again. A low to high transition at the U/D pin will increment or decrement the wiper position depending on the current mode (Figures 7 and 8). When the CS input transitions to high (serial interface inactive), the value of the counter is stored and the wiper position is maintained. Note that when the wiper reaches the maximum (or minimum) tap position, the wiper will not wrap around to the minimum (or maximum) position. Power On Reset All parts in this family feature power on reset (POR) circuitry that sets the wiper position to midscale at power up. By default, the chip is in the increment mode. Figure 7. Serial Interface Timing Diagram, Increment Mode W U/D CS tCU tCI tIL tIH tSETTLE tSETTLE tIC Note: “W” is not a digital signal. It represents wiper transitions. Figure 8. Serial Interface Timing Diagram, Decrement Mode W Note: “W” is not a digital signal. It represents wiper transitions. tSETTLE tCI tCU U/D CS tIH tIL tSETTLE tIC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |