Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSN2020 Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSN2020
Description  20V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN2020 Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSN2020 Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN2020 Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN2020 Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN2020 Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN2020 Datasheet HTML 5Page - MORE Semiconductor Company Limited MSN2020 Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MSN2020
General Features
● VDS = 20V,ID = 0.9A
RDS(ON) < 360mΩ @ VGS=2.5V
RDS(ON) < 310m Ω @ VGS=4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package
Application
● DC-DC converter circuit
● Load switch
● Level Shift
Schematic diagram
1
3
2
G
D
S
Marking and pin assignment
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSN2020
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±6
V
Drain Current-Continuous
ID
0.9
A
Drain Current-Pulsed (Note 1)
IDM
1.4
A
Maximum Power Dissipation
PD
370
mW
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
125
/W
℃
20V(D-S) N-Channel Enhancement Mode Power MOS FET
Lead Free
PIN Configuration
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6
A20E
ESD protected
●
● Small Signal Switch


Similar Part No. - MSN2020

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN2024D MORESEMI-MSN2024D Datasheet
452Kb / 6P
200V(D-S) N-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSN2020

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN0205 MORESEMI-MSN0205 Datasheet
541Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0207E MORESEMI-MSN0207E Datasheet
533Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0212W MORESEMI-MSN0212W Datasheet
591Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0260D MORESEMI-MSN0260D Datasheet
630Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN2300 MORESEMI-MSN2300 Datasheet
355Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN2300A MORESEMI-MSN2300A Datasheet
382Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN2300B MORESEMI-MSN2300B Datasheet
356Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN2302A MORESEMI-MSN2302A Datasheet
352Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN2312 MORESEMI-MSN2312 Datasheet
372Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN3420 MORESEMI-MSN3420 Datasheet
381Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com