Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7132 Datasheet(PDF) 3 Page - Copal Electronics

Part # DP7132
Description  16 Volt Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7132 Datasheet(HTML) 3 Page - Copal Electronics

  DP7132 Datasheet HTML 1Page - Copal Electronics DP7132 Datasheet HTML 2Page - Copal Electronics DP7132 Datasheet HTML 3Page - Copal Electronics DP7132 Datasheet HTML 4Page - Copal Electronics DP7132 Datasheet HTML 5Page - Copal Electronics DP7132 Datasheet HTML 6Page - Copal Electronics DP7132 Datasheet HTML 7Page - Copal Electronics DP7132 Datasheet HTML 8Page - Copal Electronics DP7132 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DP7132
3
Doc No. MD-2124, Rev. E
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
RECOMMENDED OPERATING CONDITIONS
VCC = +2.7V to +5.5V
V+ = +8.0V to +16V
Operating Temperature Range:
to +
C
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias....................
to +
C
Storage Temperature ........................
to
C
Voltage on any SDA, SCL, A0 & A1 pins with respect
to Ground (1) ................................. -0.3V to VCC + 0.3V
Voltage on RH,RL & RW pins with respect
to Ground ................................................................ V+
VCC with respect to Ground .................... -0.3V to +6V
V+ with respect to Ground ................. -0.3V to +16.5V
Wiper Current (10 sec) ...................................... +6mA
Lead Soldering temperature (10 sec) ..............
C
POTENTIOMETER CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Notes:
1. This parameter is tested initially and after a design or process change that affects the parameter.
2. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
3. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer.
4. LSB = (RHM - RLM)/127; where RHM and RLM are the highest and lowest measured values on the wiper terminal.
5. n = 1, 2, ..., 127
6. V+ @ RH; 0V @ RL; VW measured @ RW with no load.
COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods
may affect device performance and reliability.
Notes:
1.
Latch-up protection is provided for stresses up to 100mA on
address and data pins from -0.3V to VCC +0.3V.
l
o
b
m
yr
Se
t
e
m
a
r
as
Pn
o
i
t
i
d
n
o
C
t
s
e
T
s
t
i
m
i
L
s
t
i
n
U
n
i
Mp
y
Tx
a
M
R
T
O
P
k
0
0
1
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
0
)0
1k
R
T
O
P
k
0
5
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
0
)5
k
R
T
O
P
k
0
1
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
0
)1
k
R
L
O
T
e
c
n
a
r
e
l
o
T
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
+ 0
2%
g
n
i
t
a
R
r
e
w
oC
P°
50
25
W
m
I
W
t
n
e
r
r
u
C
r
e
p
i
W
+3A
m
R
W
e
c
n
a
t
s
i
s
e
R
r
e
p
i
W
I
W =+
V
2
1
=
+
V
@
A
m0
17
0
5
1
I
W =+
V
8
=
+
V
@
A
m0
11
10
0
2
V
M
R
E
T
R
n
o
e
g
a
t
l
o
V
W
R
,
H
R
r
o
L
V
6
1
o
t
V
8
=
+
V
;
V
0
=
D
ND
GN
+
GV
V
S
E
Rn
o
i
t
u
l
o
s
e
R
8
7
.
0%
A
N
I
L
y
t
i
r
a
e
n
i
L
e
t
u
l
o
s
b
A
)
2
(
V
)
l
a
u
t
c
a
(
)
n
(
W
V
-
)
d
e
t
c
e
p
x
e
(
)
n
(
W
,
)
5
()
6
(
+1B
S
L
)
4
(
R
N
I
L
y
t
i
r
a
e
n
i
L
e
v
i
t
a
l
e
R
)
3
(
V
)
1
+
n
(
W
V
[
-
)
n
(
W
]
B
S
L
+
,
)
5
()
6
(
+ 5
.
0B
S
L
)
4
(
C
T
T
O
P
R
R
f
o
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
T
O
P
)
1
(
+
0
0C
3°
/
m
p
p
C
T
o
i
t
a
R
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
c
i
r
t
e
m
o
i
t
a
R
)
1
(
0
3C
°
/
m
p
p
C
H C
/
L C
/
W
s
e
c
n
a
t
i
c
a
p
a
C
r
e
t
e
m
o
i
t
n
e
t
o
P
)
1
(
5
2
/
0
1
/
0F
1p
ce
fs
n
o
p
s
e
R
y
c
n
e
u
q
e
rR
F
T
O
P
k
0
5
=
4
.z
0H
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com