Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4208G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4208G
Description  Quad Half-Bridge Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4208G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4208G Datasheet HTML 5Page - Infineon Technologies AG TLE4208G Datasheet HTML 6Page - Infineon Technologies AG TLE4208G Datasheet HTML 7Page - Infineon Technologies AG TLE4208G Datasheet HTML 8Page - Infineon Technologies AG TLE4208G Datasheet HTML 9Page - Infineon Technologies AG TLE4208G Datasheet HTML 10Page - Infineon Technologies AG TLE4208G Datasheet HTML 11Page - Infineon Technologies AG TLE4208G Datasheet HTML 12Page - Infineon Technologies AG TLE4208G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TLE4208G
General Product Characteristics
Data Sheet
9
Rev. 1.4, 2016-02-02
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
Table 5
Functional Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Supply Voltage
V
S12,VS34
V
UV_OFF
–
18
V
After
V
S12,VS34 rising
above
V
UV_ON
Extended Supply Voltage
Range for Operation
V
S12,VS34
-0.3
–
V
UV_ON
V
Outputs in tristate
Supply Voltage transients
slew rate
V
S12,VS34
-0.3
–
V
UV_OFF
V/µs
Outputs in tristate
Logic input voltages
(IN1; IN2; INH12;
IN3; IN4; INH34)
V
I
-2
–
18
V
–
Junction Temperature
T
j
-40
–
150
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com