Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0130CS Datasheet(PDF) 32 Page - ON Semiconductor

Part # AR0130CS
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 28Page - ON Semiconductor AR0130CS Datasheet HTML 29Page - ON Semiconductor AR0130CS Datasheet HTML 30Page - ON Semiconductor AR0130CS Datasheet HTML 31Page - ON Semiconductor AR0130CS Datasheet HTML 32Page - ON Semiconductor AR0130CS Datasheet HTML 33Page - ON Semiconductor AR0130CS Datasheet HTML 34Page - ON Semiconductor AR0130CS Datasheet HTML 35Page - ON Semiconductor AR0130CS Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
32
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Two-Wire Serial Register Interface
Single READ from Random Location
This sequence (Figure 20) starts with a dummy WRITE to the 16-bit address that is to be
used for the READ. The master terminates the WRITE by generating a restart condition.
The master then sends the 8-bit read slave address/data direction byte and clocks out
one byte of register data. The master terminates the READ by generating a no-acknowl-
edge bit followed by a stop condition. Figure 20 shows how the internal register address
maintained by the AR0130 is loaded and incremented as the sequence proceeds.
Figure 20:
Single READ from Random Location
Single READ from Current Location
This sequence (Figure 21) performs a read using the current value of the AR0130 internal
register address. The master terminates the READ by generating a no-acknowledge bit
followed by a stop condition. The figure shows two independent READ sequences.
Figure 21:
Single READ from Current Location
Sequential READ, Start from Random Location
This sequence (Figure 22) starts in the same way as the single READ from random loca-
tion (Figure 20). Instead of generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge bit and continues to
perform byte READs until “L” bytes have been read.
Figure 22:
Sequential READ, Start from Random Location
S = start condition
P = stop condition
Sr = restart condition
A = acknowledge
A = no-acknowledge
slave to master
master to slave
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
Slave Address
A
A
1
Sr
Read Data
P
Previous Reg Address, N
Reg Address, M
M+1
A
Slave Address
1
S
A
Read Data
Slave Address
A
1
S
P
Read Data
P
Previous Reg Address, N
Reg Address, N+1
N+2
A
A
Slave Address
0
S
Sr
A Reg Address[15:8]
Read Data
Read Data
A
Reg Address[7:0] A
Read Data
Slave Address
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
1
Read Data
Read Data
M+L-2
M+L-1
M+L
A P
A
A
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com