Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX5243 Datasheet(PDF) 29 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AX5243
www.onsemi.com
29
Table 27. CONTROL REGISTER MAP
Add
Description
Bit
Reset
Ret
Dir
Name
Add
Description
0
1
2
3
4
5
6
7
Reset
Ret
Dir
Name
137
FREQGAINA1
RW R
00001111 FREQ LIM1 FREQ
MODULO1
FREQ
HALFMOD1
FREQ
AMPL
GATE1
FREQGAINA1(3:0)
Frequency Gain A
138
FREQGAINB1
RW R
00–11111
FREQ
FREEZE1
FREQ
AVG1
–
FREQGAINB1(4:0)
Frequency Gain B
139
FREQGAINC1
RW R
–––01011 –
–
–
FREQGAINC1(4:0)
Frequency Gain C
13A FREQGAIND1
RW R
0––01011 RFFREQ
FREEZE1
–
–
FREQGAIND1(4:0)
Frequency Gain D
13B AMPLGAIN1
RW R
01––0110 AMPL AVG1 AMPL1
AGC1
–
–
AMPLGAIN1(3:0)
Amplitude Gain
13C FREQDEV11
RW R
––––0000 –
–
–
–
FREQDEV1(11:8)
Receiver Frequency
Deviation
13D FREQDEV01
RW R
00100000 FREQDEV1(7:0)
Receiver Frequency
Deviation
13E FOURFSK1
RW R
–––11000 –
–
–
DEV
UPDATE1
DEVDECAY1(3:0)
Four FSK Control
13F
BBOFFSRES1
RW R
10001000 RESINTB1(3:0)
RESINTA1(3:0)
Baseband Offset
Compensation
Resistors
Receiver Parameter Set 2
140
AGCGAIN2
RW R
11111111
AGCDECAY2(3:0)
AGCATTACK2(3:0)
AGC Speed
141
AGCTARGET2
RW R
01110110 AGCTARGET2(7:0)
AGC Target
142
AGCAHYST2
RW R
–––––000 −
AGCAHYST2(2:0)
AGC Digital Threshold
Range
143
AGCMINMAX2
RW R
–000–000 −
AGCMAXDA2(2:0)
−
AGCMINDA2(2:0)
AGC Digital Min/Max
Set Points
144
TIMEGAIN2
RW R
11110101 TIMEGAIN2M
TIMEGAIN2E
Timing Gain
145
DRGAIN2
RW R
11110000 DRGAIN2M
DRGAIN2E
Data Rate Gain
146
PHASEGAIN2
RW R
11––0011 FILTERIDX2(1:0)
–
–
PHASEGAIN2(3:0)
Filter Index, Phase
Gain
147
FREQGAINA2
RW R
00001111 FREQ LIM2 FREQ
MODULO2
FREQ
HALFMOD2
FREQ
AMPL
GATE2
FREQGAINA2(3:0)
Frequency Gain A
148
FREQGAINB2
RW R
00–11111
FREQ
FREEZE2
FREQ
AVG2
–
FREQGAINB2(4:0)
Frequency Gain B
149
FREQGAINC2
RW R
–––01101 –
–
–
FREQGAINC2(4:0)
Frequency Gain C
14A FREQGAIND2
RW R
0––01101 RFFREQ
FREEZE2
–
–
FREQGAIND2(4:0)
Frequency Gain D
14B AMPLGAIN2
RW R
01––0110 AMPL AVG2 AMPL
AGC2
–
–
AMPLGAIN2(3:0)
Amplitude Gain
14C FREQDEV12
RW R
––––0000 –
–
–
–
FREQDEV2(11:8)
Receiver Frequency
Deviation
14D FREQDEV02
RW R
00100000 FREQDEV2(7:0)
Receiver Frequency
Deviation
14E FOURFSK2
RW R
–––11010 –
–
–
DEV
UPDATE2
DEVDECAY2(3:0)
Four FSK Control
14F
BBOFFSRES2
RW R
10001000 RESINTB2(3:0)
RESINTA2(3:0)
Baseband Offset
Compensation
Resistors
Receiver Parameter Set 3
150
AGCGAIN3
RW R
11111111
AGCDECAY3(3:0)
AGCATTACK3(3:0)
AGC Speed
151
AGCTARGET3
RW R
01110110 AGCTARGET3(7:0)
AGC Target
152
AGCAHYST3
RW R
–––––000 −
AGCAHYST3(2:0)
AGC Digital Threshold
Range
153
AGCMINMAX3
RW R
–000–000 −
AGCMAXDA3(2:0)
−
AGCMINDA3(2:0)
AGC Digital Min/Max
Set Points
154
TIMEGAIN3
RW R
11110101 TIMEGAIN3M
TIMEGAIN3E
Timing Gain
155
DRGAIN3
RW R
11110000 DRGAIN3M
DRGAIN3E
Data Rate Gain
156
PHASEGAIN3
RW R
11––0011 FILTERIDX3(1:0)
–
–
PHASEGAIN3(3:0)
Filter Index, Phase
Gain
157
FREQGAINA3
RW R
00001111 FREQ LIM3 FREQ
MODULO3
FREQ
HALFMOD3
FREQ
AMPL
GATE3
FREQGAINA3(3:0)
Frequency Gain A
158
FREQGAINB3
RW R
00–11111
FREQ
FREEZE3
FREQ
AVG3
–
FREQGAINB3(4:0)
Frequency Gain B
159
FREQGAINC3
RW R
–––01101 –
–
–
FREQGAINC3(4:0)
Frequency Gain C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com