Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0237CSSC12SPRAH3-GEVB Datasheet(PDF) 21 Page - ON Semiconductor

Part # AR0237CSSC12SPRAH3-GEVB
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CSSC12SPRAH3-GEVB Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AR0237CSSC12SPRAH3-GEVB Datasheet HTML 17Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 18Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 19Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 20Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 21Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 22Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 23Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 24Page - ON Semiconductor AR0237CSSC12SPRAH3-GEVB Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
21
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Features Overview
Table 6:
List of Configurable Registers for Context A and Context B
Analog/Digital Gains
A programmable analog gain of 1.0x to 16x (linear and HDR) applied simultaneously to
all color channels will be featured along with a digital gain of 1x to 16x that may be
configured on a per color channel basis. Note that with the RGB IR sensor digital gain
should only be applied to all color channels equally since with the 4x4 kernel the gains
will not be applied to the proper color channel. Analog gain can be applied per exposure
in line interleaved mode.
Skipping/Binning Modes
The AR0237 supports subsampling. Subsampling allows the sensor to read out a smaller
set of active pixels by either skipping, binning, or summing pixels within the readout
window. Horizontal binning is achieved in the digital readout. The sensor will sample
the combined 2x adjacent pixels within the same color plane. Vertical row binning is
applied in the pixel readout. Row binning can be configured as 2x rows within the same
color plane. Pixel skipping can be configured up to 2x in both the x-direction and y-
Context A
Context B
Register Description
Register Description
coarse_integration_time
coarse_integration_time_cb
line_length_pck
line_length_pck_cb
frame_length_lines
frame_length_lines_cb
row_bin
row_bin_cb
col_bin
col_bin_cb
fine_gain
fine_gain_cb
coarse_gain
coarse_gain_cb
coarse_integration_time2
coarse_integration_time2_cb
dcg_manual_set
dcg_manual_set_cb
dcg_manual_set_t1
dcg_manual_set_t1_cb
bypass_pix_comb
bypass_pix_cb
coarse_gain_t1
coarse_gain_t1_cb
fine_gain_t1
fine_gain_t1_cb
x_addr_start
x_addr_start_cb
y_addr_start
y_addr_start_cb
x_addr_end
x_addr_end_cb
y_addr_end
y_addr_end_cb
y_odd_inc
y_odd_inc_cb
x_odd_inc
x_odd_inc_cb
green1_gain
green1_gain_cb
blue_gain
blue_gain_cb
red_gain
red_gain_cb
green2_gain
green2_gain_cb
global_gain
global_gain_cb
operation_mode_ctrl
operation_mode_ctrl_cb
bypass_pix_comb
bypass_pix_comb_cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com