Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW3602 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # IW3602
Description  AC/DC Digital Power Controller for Dimmable LED Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3602 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button IW3602 Datasheet HTML 11Page - Dialog Semiconductor IW3602 Datasheet HTML 12Page - Dialog Semiconductor IW3602 Datasheet HTML 13Page - Dialog Semiconductor IW3602 Datasheet HTML 14Page - Dialog Semiconductor IW3602 Datasheet HTML 15Page - Dialog Semiconductor IW3602 Datasheet HTML 16Page - Dialog Semiconductor IW3602 Datasheet HTML 17Page - Dialog Semiconductor IW3602 Datasheet HTML 18Page - Dialog Semiconductor IW3602 Datasheet HTML 19Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
iW3602
AC/DC Digital Power Controller for
Dimmable LED Drivers
Rev. 1.0
iW3602
© 2015 Dialog Semiconductor (UK) Ltd.
Datasheet
16 of 19
11.0 Typical Application Schematic
AC Input
From Dimmer
VOUT
RTN
+
U1
iW3602
NTC
OUTPUT(TR)
VSENSE
VIN
VT
VCC
OUTPUT
ISENSE
GND
1
2
3
8
7
6
4
5
+
L3
5mH
R17
4.7kΩ
L1
5mH
R1
4.7kΩ
250V
CX1
0.033μF/
R2
270kΩ
R3
270kΩ
C4
1nF
R16
100Ω
R6
100Ω
D4
RS1M
Q2
2N60
C2
4.7µF/400V
D3
SCD310
C6
100µF
R15
30kΩ
R13
24kΩ
R14
2.4kΩ
D2
1N4148
5.1Ω
R11
Q1
2N60
BR1
MB8S
Q3
F501
R7
1W
+
C5
56µF
7.5Ω
R12
C7
100pF
1kΩ
R10
47Ω
R9
100kΩ
25V
R5
330kΩ
R4
330kΩ
R18
100Ω
25V
Z1
15V
N
FR1
F1
400V
L2
5mH
R8
220kΩ
C1
22nF/500V
C9
1nF/250V
D5
FR107
C3
22pF
C8
22nF
240kΩ
D1
ES1J
Figure 11.1 : iW3602 Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com