Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207N Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6207N
Description  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207N Datasheet(HTML) 3 Page - STMicroelectronics

  L6207N Datasheet HTML 1Page - STMicroelectronics L6207N Datasheet HTML 2Page - STMicroelectronics L6207N Datasheet HTML 3Page - STMicroelectronics L6207N Datasheet HTML 4Page - STMicroelectronics L6207N Datasheet HTML 5Page - STMicroelectronics L6207N Datasheet HTML 6Page - STMicroelectronics L6207N Datasheet HTML 7Page - STMicroelectronics L6207N Datasheet HTML 8Page - STMicroelectronics L6207N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
L6207
THERMAL DATA
PIN CONNECTIONS (Top View)
(5)
The slug is internally connected to pins 1,18,19 and 36 (GND pins).
Symbol
Description
PowerDIP24
SO24
PowerSO36
Unit
Rth-j-pins
Maximum Thermal Resistance Junction-Pins
18
14
-
°C/W
Rth-j-case
Maximum Thermal Resistance Junction-Case
-
-
1
°C/W
Rth-j-amb1
Maximum Thermal Resistance Junction-Ambient 1
(1)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the bottom side of 6cm2 (with a thickness of 35µm).
43
51
-
°C/W
Rth-j-amb1
Maximum Thermal Resistance Junction-Ambient 2
(2)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6cm2 (with a thickness of 35µm).
--
35
°C/W
Rth-j-amb1
Maximum Thermal Resistance Junction-Ambient 3
(3)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6cm2 (with a thickness of 35µm), 16 via holes
and a ground layer.
--
15
°C/W
Rth-j-amb2
Maximum Thermal Resistance Junction-Ambient 4
(4)
Mounted on a multi-layer FR4 PCB without any heat sinking surface on the board.
58
77
62
°C/W
PowerDIP24/SO24
PowerSO36 (5)
GND
GND
OUT1B
RCB
SENSEB
IN2B
IN1B
1
3
2
4
5
6
7
8
9
VREFB
VBOOT
ENB
OUT2B
VSB
GND
GND
19
18
17
16
15
13
14
D02IN1346
10
11
12
24
23
22
21
20
IN1A
IN2A
SENSEA
RCA
OUT1A
VSA
OUT2A
VCP
ENA
VREFA
GND
N.C.
N.C.
VSA
RCA
OUT1
A
N.C.
N.C.
N.C.
N.C.
N.C.
OUT1B
RCB
N.C.
VSB
N.C.
N.C.
GND
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
GND
GND
D02IN1347
IN1
A
SENSEA
IN2
A
SENSEB
IN2B
IN1B
9
8
7
28
29
30
VREFA
VREFB
10
27
OUT2A
ENA
VCP
ENB
OUT2B
VBOOT
14
12
11
23
25
26
N.C.
N.C.
13
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com