| Electronic Components Datasheet Search |
|
DP7241 Datasheet(PDF) 7 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7241 Datasheet(HTML) 7 Page - Copal Electronics |
|
7 / 16 page ![]() DP7241 © NIDEC COPAL ELECTRONICS CORP. 7 Doc. No. MD-2011 Rev. P Characteristics subject to change without notice WRITE OPERATION In the Write mode, the Master device sends the START condition and the slave address information to the Slave device. After the Slave generates an acknowledge, the Master sends the instruction byte that defines the requested operation of DP7241. The instruction byte consist of a four-bit opcode followed by two register selection bits and two pot selection bits. After receiving another acknowledge from the Slave, the Master device transmits the data to be written into the selected register. The DP7241 acknowledges once more and the Master generates the STOP condition, at which time if a non-volatile data register is being selected, the device begins an internal programming cycle to non-volatile memory. While this internal cycle is in progress, the device will not respond to any request from the Master device. Acknowledge Polling The disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, the DP7241 initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address. If the DP7241 is still busy with the write operation, no ACK will be returned. If the DP7241 has completed the write operation, an ACK will be returned and the host can then proceed with the next instruction operation. Figure 5. Slave Address Bits DP7241 0101 A3 A2 A1 A0 * A0, A1, A2 and A3 correspond to pin A0, A1, A2 and A3 of the device. ** A0, A1, A2 and A3 must compare to its corresponding hard wired input pins. Figure 6. Write Timing S A C K A C K DR WCR DATA S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T A C K SLAVE/DP ADDRESS INSTRUCTION BYTE Fixed Variable op code Data Register Address Pot/WCR Address |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |