Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7411 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7411
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7411 Datasheet(HTML) 2 Page - Copal Electronics

  DP7411 Datasheet HTML 1Page - Copal Electronics DP7411 Datasheet HTML 2Page - Copal Electronics DP7411 Datasheet HTML 3Page - Copal Electronics DP7411 Datasheet HTML 4Page - Copal Electronics DP7411 Datasheet HTML 5Page - Copal Electronics DP7411 Datasheet HTML 6Page - Copal Electronics DP7411 Datasheet HTML 7Page - Copal Electronics DP7411 Datasheet HTML 8Page - Copal Electronics DP7411 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DP7411
Doc. No. MD-2114 Rev. J
2
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
PIN DESCRIPTIONS
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses and data to be written to the
DP7411. Input data is latched on the rising edge of the
serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to transfer
data out of the DP7411. During a read cycle, data is
shifted out on the falling edge of the serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchronize
the communication between the microcontroller and the
DP7411. Opcodes, byte addresses or data present on
the SI pin are latched on the rising edge of the SCK. Data
on the SO pin is updated on the falling edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when addressing
multiple devices. A total of four devices can be addressed
on a single bus. A match in the slave address must be
made
with
the
address
input
in
order
to
initiate
communication with the DP7411.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal of a
mechanical potentiometer.
CS
¯¯¯: Chip Select
DP7251 and CS
¯¯¯ high disables the DP7411. CS
¯¯¯ high
takes the SO output pin to high impedance and forces the
devices into a Standby mode (unless an internal write
operation is underway). The DP7411 draws ZERO
current in the Standby mode. A high to low transition on
CS
¯¯¯ is required prior to any sequence being initiated. A low
to high transition on CS
¯¯¯ after a valid write sequence is
what initiates an internal write cycle.
WP
¯¯¯: Write Protect
WP
¯¯¯ is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high.
When WP
¯¯¯ is tied low, all non-volatile write operations to
the Data registers are inhibited (change of wiper control
register is allowed). WP
¯¯¯ going low while CS
¯¯¯ is still low will
interrupt a write to the registers. If the internal write cycle
has already been initiated, WP
¯¯¯ going low will have no
effect on any write operation.
HOLD
¯¯¯¯¯: Hold
The HOLD
¯¯¯¯¯ pin is used to pause transmission to the
DP7411 while in the middle of a serial sequence without
having to re-transmit entire sequence at a later time. To
pause, HOLD
¯¯¯¯¯ must be brought low while SCK is low. The
SO pin is in a high impedance state during the time the part
is paused, and transitions on the SI pins will be ignored. To
resume communication, HOLD
¯¯¯¯¯ is brought high, while SCK
is low. (HOLD
¯¯¯¯¯ should be held high any time this function is
not being used.) HOLD
¯¯¯¯¯ may be tied high directly to VCC or
tied to VCC through a resistor.
Pin
SOIC
Pin
TSSOP
Name
Function
119
VCC
Supply Voltage
220
RL0
Low Reference Terminal for
Potentiometer 0
321
RH0
High Reference Terminal for
Potentiometer 0
422
RW0
Wiper Terminal for
Potentiometer 0
523
CS
¯¯¯
Chip Select
624
WP
¯¯¯
Write Protection
7
1
SI
Serial Input
82
A1
Device Address
93
RL1
Low Reference Terminal for
Potentiometer 1
10
4
RH1
High Reference Terminal for
Potentiometer 1
11
5
RW1
Wiper Terminal for
Potentiometer 1
12
6
GND
Ground
13
7
NC
No Connect
14
8
NC
No Connect
15
9
NC
No Connect
16
10
NC
No Connect
17
11
SCK
Bus Serial Clock
18
12
HOLD
¯¯¯¯¯
Hold
19
13
SO
Serial Data Output
20
14
A0
Device Address, LSB
21
15
NC
No Connect
22
16
NC
No Connect
23
17
NC
No Connect
24
18
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com