Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6207PD Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6207PD
Description  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207PD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6207PD Datasheet HTML 12Page - STMicroelectronics L6207PD Datasheet HTML 13Page - STMicroelectronics L6207PD Datasheet HTML 14Page - STMicroelectronics L6207PD Datasheet HTML 15Page - STMicroelectronics L6207PD Datasheet HTML 16Page - STMicroelectronics L6207PD Datasheet HTML 17Page - STMicroelectronics L6207PD Datasheet HTML 18Page - STMicroelectronics L6207PD Datasheet HTML 19Page - STMicroelectronics L6207PD Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
L6207
16/23
APPLICATION INFORMATION
A typical application using L6207 is shown in Fig. 16. Typical component values for the application are shown
in Table 3. A high quality ceramic capacitor in the range of 100 to 200 nF should be placed between the power
pins (VSA and VSB) and ground near the L6207 to improve the high frequency filtering on the power supply and
reduce high frequency transients generated by the switching. The capacitors connected from the ENA and ENB
inputs to ground set the shut down time for the BrgidgeA and BridgeB respectively when an over current is de-
tected (see Overcurrent Protection). The two current sensing inputs (SENSEA and SENSEB) should be connect-
ed to the sensing resistors with a trace length as short as possible in the layout. The sense resistors should be
non-inductive resistors to minimize the di/dt transients across the resistor. To increase noise immunity, unused
logic pins (except ENA and ENB) are best connected to 5V (High Logic Level) or GND (Low Logic Level) (see
pin description). It is recommended to keep Power Ground and Signal Ground separated on PCB.
Table 2. Component Values for Typical Application
Figure 16. Typical Application
C1
100uF
D1
1N4148
C2
100nF
D2
1N4148
CA
1nF
RA
39K
CB
1nF
RB
39K
CBOOT
220nF
RENA
100K
CP
10nF
RENB
100K
CENA
5.6nF
RP
100
CENB
5.6nF
RSENSEA
0.3
CREFA
68nF
RSENSEB
0.3
CREFB
68nF
OUT1A
LOADA
LOADB
VREFA
VREFB
1
5
21
18
19
8
16
OUT2A
GND
GND
GND
GND
RCA
OUT2B
OUT1B
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
24
VSB
VCP
VBOOT
CP
CBOOT
RP
D2
D1
C1
C2
SENSEA
RSENSEA
20
IN1A
IN2A
IN1A
IN2A
2
6
7
13
ENA
ENB
CENB
RENB
RENA
ENA
ENB
VREFA = 0-1V
VREFB = 0-1V
23
IN2B
12
IN1B
IN2B
IN1B
11
14
4
17
3
15
22
SENSEB
RSENSEB
CA
RA
10
CREFA
CREFB
CENA
RCB
9
CB
RB
D02IN1343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com