Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2608 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2608
Description  400mA Sub-miniature, High Efficiency, Programmable DC-DC Converter with Linear Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2608 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2608 Datasheet HTML 1Page - National Semiconductor (TI) LM2608 Datasheet HTML 2Page - National Semiconductor (TI) LM2608 Datasheet HTML 3Page - National Semiconductor (TI) LM2608 Datasheet HTML 4Page - National Semiconductor (TI) LM2608 Datasheet HTML 5Page - National Semiconductor (TI) LM2608 Datasheet HTML 6Page - National Semiconductor (TI) LM2608 Datasheet HTML 7Page - National Semiconductor (TI) LM2608 Datasheet HTML 8Page - National Semiconductor (TI) LM2608 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM2608
400mA Sub-miniature, High Efficiency, Programmable
DC-DC Converter with Linear Mode
General Description
The LM2608 step-down DC-DC converter is optimized for
powering ultra-low voltage circuits from a single Lithium-Ion
cell. It provides up to 400mA over an input voltage range of
2.8V to 5.5V. Operating from a 1.35V reference, this device
provides
pin-selectable
output
voltages
of
1.3V/1.5V
(300mA) for low voltage version or 1.5V/1.8V (400mA) for
high voltage version. This allows adjustment for DSP or CPU
voltage options, as well as dynamic output voltage switching
for reduced power consumption. Internal synchronous recti-
fication provides high efficiency.
The LM2608 offers superior features and performance for
mobile phones and similar portable applications with com-
plex power management systems. Pin-selectable PWM low-
noise and linear micropower modes offer improved system
control for maximizing battery life. During full power opera-
tion, fixed-frequency PWM mode reduces interference in RF
and data acquisition applications by minimizing noise har-
monics at sensitive IF and sampling frequencies. A SYNC
input allows synchronizing the switching frequency in a
range of 500kHz to 1MHz to avoid noise from intermodula-
tion with system frequencies. Linear operation reduces qui-
escent current to 20µA (typ) during system standby for ex-
tended battery life. It provides up to 3 mA in the linear mode.
Shutdown reduces battery consumption to 0.02µA (typ.).
The LM2608 is available in a 10 pin Micro SMD package.
This package uses National’s wafer level chip-scale Micro
SMD technology and offers the smallest possible size. A high
switching frequency (600KHz) allows use of tiny surface-
mount components. Only four small external surface-mount
components, an inductor and three ceramic capacitors are
required. Pin selectable output voltage eliminates the need
for bulky external feedback resistors.
Key Specifications
n
Operates from a single LiION cell (2.8V to 5.5V)
n
Pin selectable output voltage (1.5V/1.8V or 1.3V/1.5V
versions), without external feedback resistors
n
400mA maximum load capability
n ±
1% PWM mode DC output voltage precision
(Excluding external reference tolerance)
n
5mV typ PWM mode output voltage ripple
n
20 µA typ quiescent current (Linear Mode)
n
0.02µA typ shutdown mode current
n
Internal synchronous rectification for high efficiency
(91% at 2.8V
IN, 1.8VOUT)
n
600kHz PWM mode switching frequency
n
SYNC input for PWM mode frequency synchronization
from 500kHz to 1MHz
n
15% accuracy for F
OSC and Ilim
Features
n
Sub-miniature 10-pin thin Micro SMD package
n
Only four tiny surface-mount external components
required
n
Uses small ceramic capacitors
n
Internal soft start
n
Current and Thermal shutdown protection
n
No external compensation required
Applications
n
Mobile Phones
n
Hand-Held Radios
n
Battery Powered Devices
Typical Application Circuit
20036602
December 2002
© 2003 National Semiconductor Corporation
DS200366
www.national.com


Similar Part No. - LM2608

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001 Datasheet
864Kb / 17P
1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
502Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001 Datasheet
1Mb / 28P
1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 TI-LM26001 Datasheet
1Mb / 31P
LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
More results

Similar Description - LM2608

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2612 NSC-LM2612 Datasheet
5Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM2614 NSC-LM2614 Datasheet
733Kb / 16P
400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
LM2618 NSC-LM2618 Datasheet
428Kb / 15P
400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
logo
NXP Semiconductors
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
High efficiency DC/DC converter
1999 Oct 21
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
High efficiency DC/DC converter
2002 Nov 15
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com