Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F614T Datasheet(PDF) 2 Page - Copal Electronics

Part # F614T
Description  BRUSHLESS DC FANS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

F614T Datasheet(HTML) 2 Page - Copal Electronics

  F614T Datasheet HTML 1Page - Copal Electronics F614T Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F614T
BRUSHLESS DC FANS
■ STANDARD SPECIFICATIONS
Item
F614T-05MC
DC5 V
DC12 V
10.2 ~ 13.8 V
0.06 A
4.5 ~ 5.5 V
0.10 A
2900 min
-1
0.36 m
3/min
20 Pa
23 dB (A)
–10 ~ +60 °C (35 ~ 85 %RH)
F614T-12MC
Rated voltage
Voltage range
Rated current
Rotating speed
Air flow
Static pressure
Noise
Use environment
–20 ~ +70 °C (35 ~ 85 %RH)
Storage environment
Approx. 40 g
Net weight
■ AIR FLOW PERFORMANCE CURVES
■ OUTLINE DIMENSIONS
(Unit: mm)
(m
3/min)
0.1
0.2
0.3
0.4
0.5
30
25
20
15
10
5
0
Air flow
F614T-
**M*
4 –
4.3
φ
4 –
4.3
φ
60
φ
Black : GND
Lead wire UL AWM 1007 AWG26
Red : VOLTAGE
4 – C6
14.5
± 0.5
50
± 0.2
Air flow
50
± 0.2
Dimension of mounting hole for recommendation
※The specifications above are typical values measured on the conditions of no-loading running with rated voltage in the circumstances
of 25 °C
± 2 °C, 35~ 85 %RH. Please contact us if you would liketo check the specifications in different circumstances.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com