Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS1487 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1487
Description  5V Low Power RS-485 / RS-422 Differential Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1487 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMS1487 Datasheet HTML 5Page - National Semiconductor (TI) LMS1487 Datasheet HTML 6Page - National Semiconductor (TI) LMS1487 Datasheet HTML 7Page - National Semiconductor (TI) LMS1487 Datasheet HTML 8Page - National Semiconductor (TI) LMS1487 Datasheet HTML 9Page - National Semiconductor (TI) LMS1487 Datasheet HTML 10Page - National Semiconductor (TI) LMS1487 Datasheet HTML 11Page - National Semiconductor (TI) LMS1487 Datasheet HTML 12Page - National Semiconductor (TI) LMS1487 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Information
POWER LINE NOISE FILTERING
A factor to consider in designing power and ground is noise
filtering. A noise filtering circuit is designed to prevent noise
generated by the integrated circuit (IC) as well as noise
entering the IC from other devices. A common filtering
method is to place by-pass capacitors (C
bp) between the
power and ground lines.
Placing a by-pass capacitor (C
bp) with the correct value at
the proper location solves many power supply noise prob-
lems. Choosing the correct capacitor value is based upon
the desired noise filtering range. Since capacitors are not
ideal, they may act more like inductors or resistors over a
specific frequency range. Thus, many times two by-pass
capacitors may be used to filter a wider bandwidth of noise.
It is highly recommended to place a larger capacitor, such as
10µF, between the power supply pin and ground to filter out
low frequencies and a 0.1µF to filter out high frequencies.
By-pass capacitors must be mounted as close as possible to
the IC to be effective. Longs leads produce higher imped-
ance at higher frequencies due to stray inductance. Thus,
this will reduce the by-pass capacitor’s effectiveness. Sur-
face mounted chip capacitors are the best solution because
they have lower inductance.
20053022
FIGURE 11. Placement of by-pass Capacitors, C
bp
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com