Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3988 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3988
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3988 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3988 Datasheet HTML 1Page - National Semiconductor (TI) LP3988 Datasheet HTML 2Page - National Semiconductor (TI) LP3988 Datasheet HTML 3Page - National Semiconductor (TI) LP3988 Datasheet HTML 4Page - National Semiconductor (TI) LP3988 Datasheet HTML 5Page - National Semiconductor (TI) LP3988 Datasheet HTML 6Page - National Semiconductor (TI) LP3988 Datasheet HTML 7Page - National Semiconductor (TI) LP3988 Datasheet HTML 8Page - National Semiconductor (TI) LP3988 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
20020501
Pin Descriptions
Name
micro SMD
SOT
Function
V
EN
A1
3
Enable Input Logic, Enable High
GND
B2
2
Common Ground
V
OUT
C1
5
Output Voltage of the LDO
V
IN
C3
1
Input Voltage of the LDO
Power Good
A3
4
Power Good Flag (output):
open-drain output, connected to
an external pull-up resistor.
Active low indicates an output
voltage out of tolerance
condition.
Connection Diagrams
SOT-23-5 Package (MF)
5 Bump micro SMD Package (TLA)
20020507
Top View
See NS Package Number MF05A
20020530
Top View
See NS Package Number TLA05
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com