Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2194 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2194
Description  Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2194 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2194 Datasheet HTML 14Page - NXP Semiconductors LPC2194 Datasheet HTML 15Page - NXP Semiconductors LPC2194 Datasheet HTML 16Page - NXP Semiconductors LPC2194 Datasheet HTML 17Page - NXP Semiconductors LPC2194 Datasheet HTML 18Page - NXP Semiconductors LPC2194 Datasheet HTML 19Page - NXP Semiconductors LPC2194 Datasheet HTML 20Page - NXP Semiconductors LPC2194 Datasheet HTML 21Page - NXP Semiconductors LPC2194 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Philips Semiconductors
LPC2194
Single-chip 16/32-bit microcontrollers
Preliminary data
Rev. 01 — 06 February 2004
18 of 33
9397 750 12757
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
I2C implemented in LPC2194 supports bit rate up to 400 kbit/s (Fast I2C).
6.14.1
Features
• Standard I2C compliant bus interface.
• Easy to configure as Master, Slave, or Master/Slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of
serial data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate
via one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend
and resume serial transfer.
• The I2C bus may be used for test and diagnostic purposes.
6.15 SPI serial I/O controller
The LPC2194 contains two SPIs. The SPI is a full duplex serial interface, designed to
be able to handle multiple masters and slaves connected to a given bus. Only a single
master and a single slave can communicate on the interface during a given data
transfer. During a data transfer the master always sends a byte of data to the slave,
and the slave always sends a byte of data to the master.
6.15.1
Features
• Compliant with Serial Peripheral Interface (SPI) specification.
• Synchronous, Serial, Full Duplex, Communication.
• Combined SPI master and slave.
• Maximum data bit rate of one eighth of the input clock rate.
6.16 General purpose timers
The Timer is designed to count cycles of the peripheral clock (PCLK) and optionally
generate interrupts or perform other actions at specified timer values, based on four
match registers. It also includes four capture inputs to trap the timer value when an
input signal transitions, optionally generating an interrupt. Multiple pins can be
selected to perform a single capture or match function, providing an application with
‘or’ and ‘and’, as well as ‘broadcast’ functions among them.
6.16.1
Features
• A 32-bit Timer/Counter with a programmable 32-bit Prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com