Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1238 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1238
Description  110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1238 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM1238 Datasheet HTML 16Page - National Semiconductor (TI) LM1238 Datasheet HTML 17Page - National Semiconductor (TI) LM1238 Datasheet HTML 18Page - National Semiconductor (TI) LM1238 Datasheet HTML 19Page - National Semiconductor (TI) LM1238 Datasheet HTML 20Page - National Semiconductor (TI) LM1238 Datasheet HTML 21Page - National Semiconductor (TI) LM1238 Datasheet HTML 22Page - National Semiconductor (TI) LM1238 Datasheet HTML 23Page - National Semiconductor (TI) LM1238 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Control Register Definitions (Continued)
Global Video Control Register (I
2C address 0x0819h)
Register Name (address): GLOBALCTRL (0x0819h)
7
654321
0
D_ID5
D_ID4
D_ID3
D_ID2
D_ID1
D_ID0
PS
BV
Bit 0
Blank Video. When this bit is a one, blank the video output. When this bit is a zero allow normal video out. This register
bit is OR’d with the other video blank signals, both active and static, and sent to the preamplifier as BLANK_OUT.
Bit 1
Power Save. When this bit is a one, shut down the analog circuits to support sleep mode. When this bit is a zero
(default) enable the analog circuits for normal operation. This register bit is fed to the preamplifier interface as
PWR_SAVE so that the amplifier can be put in to low power sleep mode. It is also OR’d with the blanking signals to
blank the video.
Bits 7–2 Die ID. These bits are read only masked so that they can be assigned a value to differentiate between masked dies and
die revisions.
PLL Range Register (I
2C address 0x081Eh)
Register Name (address): CLMP/PLL/VBL/OOR (0x081Eh)
7
654321
0
INT
BIS
CLMP
FRE
OOR
VBL
PFR1
PFR0
Bits 1–0 PLL Frequency Range Control. These bits assist the PLL in locking to the desired pixel frequency. They are set based
upon the nominal desired horizontal frequency range as per the PLL section. These bits, PFR0,1 are presented at the
PLL interface as the signals ‘Free_run_freq0’, and ‘Free_run_freq1’.
Bit 2
Vertical Blank Disable. When this bit is set to 0, the internally generated vertical blanking pulse is OR’d with the
horizontal blank pulse internal to the logic core, to blank the video during retrace. When this bit is set to 1 (default) the
internal vertical blanking is disabled.
Bit 3
OSD Override. When this bit is 0 (default) normal video operation is assumed. When this bit is 1, the OSD select is
overridden, and OSD only is selected, preventing normal video from being displayed (used for ‘out-of-range’ condition).
Bit 4
Free Run Enable. When this bit is set to 0 (default), the PLL will be supplied with the H flyback synchronization pulse.
When set to 1, the H flyback pulse will be gated off.
Bit 5
Clamp Polarity. Determines the polarity of the clamp signal used by the LM1238. When this bit is 0 (default) the LM1238
requires a positive clamp signal. When this bit is 1, the LM1238 requires a negative going clamp signal.
Bit 6
Burn-in Screen Enable (BIS). When this bit is a ’1’, the burn-in screen is active and input video will be ignored. When
this bit is a ’0’ (default), the burn-in screen is disabled.
Bit 7
Interface. When this bit is set to 1, the jitter reduction circuit is set to alternate the phase every alternate field. When it
is set to 0 (default), normal progressive scan is assumed.
Software Reset and Test Control Register (I
2C address 0x081Fh)
Register Name (address): SRTSTCTRL (0x081Fh)
7
654321
0
RSV
RSV
RSV
RSV
RSV
RSV
RSV
SRST
Bit 0
Software Reset. Setting this bit causes a software reset. All registers (except this one) are loaded with their default
values. All operations currently in progress are aborted (except for I
2C transactions). This bit automatically clears itself
when the reset has been completed.
Bits 1–7 Reserved.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com