Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP0625D Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSP0625D
Description  -60V(D-S) P-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSP0625D Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSP0625D Datasheet HTML 1Page - MORE Semiconductor Company Limited MSP0625D Datasheet HTML 2Page - MORE Semiconductor Company Limited MSP0625D Datasheet HTML 3Page - MORE Semiconductor Company Limited MSP0625D Datasheet HTML 4Page - MORE Semiconductor Company Limited MSP0625D Datasheet HTML 5Page - MORE Semiconductor Company Limited MSP0625D Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Features
● VDS =-60V,ID =-25A
RDS(ON) <45mΩ @ VGS=-10V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS
● Excellent package for good heat dissipation
Application
● High side switch for full bridge converter
● DC/DC converter for LCD display
Schematic diagram
Marking and pin assignment
TO-252 -2Ltop view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSP0625D
TO-252-2L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-25
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
-17.7
A
Pulsed Drain Current
IDM
-60
A
Maximum Power Dissipation
PD
90
W
Derating factor
0.72
W/℃
Single pulse avalanche energy
(Note 5)
EAS
300
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
MSP0625D
-60V(D-S) P-Channel Enhancement Mode Power MOS FET
Lead Free
PIN Configuration
MSP0625D
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6


Similar Part No. - MSP0625D

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSP0625K MORESEMI-MSP0625K Datasheet
452Kb / 6P
60V(D-S) P-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSP0625D

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN06B2K MORESEMI-MSN06B2K Datasheet
478Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN06B5K MORESEMI-MSN06B5K Datasheet
527Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0603 MORESEMI-MSN0603 Datasheet
465Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0603L MORESEMI-MSN0603L Datasheet
433Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0603Y MORESEMI-MSN0603Y Datasheet
706Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0650Z MORESEMI-MSN0650Z Datasheet
431Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
MSP0604L MORESEMI-MSP0604L Datasheet
411Kb / 6P
-60V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0625K MORESEMI-MSP0625K Datasheet
452Kb / 6P
60V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0650D MORESEMI-MSP0650D Datasheet
443Kb / 6P
-60V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0650K MORESEMI-MSP0650K Datasheet
386Kb / 6P
-60V(D-S) P-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com