Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKD56/16A Datasheet(PDF) 2 Page - International Rectifier

Part # IRKD56/16A
Description  ADD-A-pak GEN V Power Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD56/16A Datasheet(HTML) 2 Page - International Rectifier

  IRKD56/16A Datasheet HTML 1Page - International Rectifier IRKD56/16A Datasheet HTML 2Page - International Rectifier IRKD56/16A Datasheet HTML 3Page - International Rectifier IRKD56/16A Datasheet HTML 4Page - International Rectifier IRKD56/16A Datasheet HTML 5Page - International Rectifier IRKD56/16A Datasheet HTML 6Page - International Rectifier IRKD56/16A Datasheet HTML 7Page - International Rectifier IRKD56/16A Datasheet HTML 8Page - International Rectifier IRKD56/16A Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRK.56, .71 Series
2
Bulletin I27140 rev. E 10/02
www.irf.com
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ 150°C
VV
mA
04
400
500
06
600
700
08
800
900
IRK.56/ .71
10
1000
1100
10
12
1200
1300
14
1400
1500
16
1600
1700
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
60
80
A
180° conduction, half sine wave
@ Case temperature
100
100
°C
I
F(AV)
Max. average forward current
55
70
A
180° conduction, half sine wave
@ Case temperature
105
108
°C
IF(RMS) Max. RMS forward current
94
126
A
DC @ 92°C case temperature
I
FSM
Max. peak, one-cycle forward,
1600
1790
t = 10ms
No voltage
non-repetitive surge current
1680
1870
t = 8.3ms
reapplied
1350
1500
t = 10ms
100% V
RRM
1420
1570
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
12.89
15.90
t = 10ms
No voltage
Initial T
J
= T
J
max.
11.76
14.53
t = 8.3ms
reapplied
9.12
11.25
t = 10ms
100% V
RRM
8.32
10.23
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
128.9
159.0
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.51
1.50
V
I
FM
=
π x I
F(AV)
, T
J
= 25°C, tp = 400µs square wave
Parameter
IRK.56
IRK.71
Units
Conditions
Forward Conduction
0.96
0.83
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
1.03
0.92
(I > x
π x I
F(AV)
), T
J = TJ max.
2.48
2.40
(I > x
π x I
F(AV)
), T
J = TJ max.
2.81
2.68
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
KA2s
A
m
Ω
V
I
RRM
Max. peak reverse leakage
current
V
INS
RMS isolation voltage
3500 (1 sec)
V
50 Hz, circuit to base, all terminals shorted
Blocking
10
mA
T
J
= 150oC
Parameter
IRK.56
IRK.71
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com