Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASR8601 Datasheet(PDF) 1 Page - AMIC Technology

Part # ASR8601
Description  Ambient Light Sensor with I2C digital interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

ASR8601 Datasheet(HTML) 1 Page - AMIC Technology

  ASR8601 Datasheet HTML 1Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASR8601
Ambient Light Sensor with I2C digital interface
Preliminary
Wide Lux Detecting Range and Full IR Rejection
PRELIMINARY
(September, 2016, Version 0.1)
1
AMIC Technology Corp.
AMIC reserves the right to change products and specifications discussed herein without notice.
General Description
The ASR8601 is an ambient light (ALS) sensor with wide lux
detecting range and full IR rejection. It features an I2C digital
output and provides innovative algorithms which can be
friendly in application.
ASR8601 ALS sensing offers ASC (Auto Scale Control)
mode other than traditional manual mode. With ASC mode,
ASR8601 can automatically adjust the sensing time and gain
value to the best resolution according to the various light
intensity. User just simply needs to read the measured light
data in accuracy without any other setting. The ASC output
data is in dynamic range of 16 bits with 12 bits resolution.
And under high intensity mode sensing (AI_H mode), the
sensing intensity range can be up to 120K lux.
Applications
Surveillance camera
Notebook / Monitor
Smart phone (touch screen disable and backlight control)
LCD display (backlight control)
Table PC
PDA
Industrial sensor
Features
Ambient Light (ALS)
- ALS closes to human-eye response
- Full IR rejection
- Wide lux detecting range up to 120K lux
- 12 bits resolution with gain and integration time setting
- ASC model with 16 bits dynamic range
- Programmable high/low threshold interrupt
User trimming is capable for overlay correction
I2C digital Interface up to 400KHz with Interrupt Pin
Wait-time range from 0 to 7 seconds to save power
50/60Hz flicker noise rejection
VDD = 2.5V to 3.6V
Temperature compensation : -40
°C to +85°C
Low Power consumption IALS~25uA
Package option
- 6-pin OCDFN (2mm x 2.5mm x 1.1mm)
- All Pb-free (Lead-free) Products are RoHS2.0 Compliant
Brief Block Diagram
ALS
AMP.
SDA
SCL
INT
GND
VDD
VDD
ASR8601
GND
12bit
16bit (ASC)
Pin Assignment
6 - SDA
5 - SCL
4 - INT
1 - VDD
2 - GND
3 - GND
1
VDD Power
4
Interrupt
2
Ground
5
I2C Clock
3
Ground
6
I2C Data
Ordering Information
Part Number
Temp. Range
Package & Size
Packing
Lead-Free/RoHS
ASR8601-N
-40
°C ~ +85°C
6pin OCDFN (2mm x 2.5mm x 1.1mm)
Tape and Reel
(3,000/reel)
Compliant


Similar Part No. - ASR8601

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
Ambient Light, Solar-UV, IR and Proximity Sensor
More results

Similar Description - ASR8601

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
logo
ON Semiconductor
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Vishay Siliconix
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
19-May-2021
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
15-Oct-2021
VEML7700 VISHAY-VEML7700_V02 Datasheet
252Kb / 15P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com