| Electronic Components Datasheet Search |
|
TMP320LF2403AVFS Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LF2403AVFS Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 61 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 digital I/O and shared pin functions (continued) D Output Control Registers — used to control the multiplexer selection that chooses between the primary function of a pin or the general-purpose I/O function. D Data and Control Registers — used to control the data and data direction of bidirectional I/O pins. description of shared I/O pins The control structure for shared I/O pins is shown in Figure 18, where each pin has three bits that define its operation: D MUX control bit — this bit selects between the primary function (1) and I/O function (0) of the pin. D I/O direction bit — if the I/O function is selected for the pin (MUX control bit is set to 0), this bit determines whether the pin is an input (0) or an output (1). D I/O data bit — if the I/O function is selected for the pin (MUX control bit is set to 0) and the direction selected is an input, data is read from this bit; if the direction selected is an output, data is written to this bit. The MUX control bit, I/O direction bit, and I/O data bit are in the I/O control registers. Pin (Read/Write) IOP Data Bit In Out 0 = Input 1 = Output 01 MUX Control Bit 0 = I/O Function 1 = Primary Function IOP DIR Bit Primary Function or I/O Pin Pullup or Pulldown (Internal) Primary Function (Output Section) Primary Function (Input Section) Figure 18. Shared Pin Configuration A summary of shared pin configurations and associated bits is shown in Table 12. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |