| Electronic Components Datasheet Search |
|
TMX320LC2402AVFS Datasheet(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMX320LC2402AVFS Datasheet(HTML) 48 Page - Texas Instruments |
|
48 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 48 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PWM characteristics Characteristics of the PWMs are as follows: D 16-bit registers D Programmable deadband for the PWM output pairs, from 0 to 12 µs D Minimum deadband width of 25 ns D Change of the PWM carrier frequency for PWM frequency wobbling as needed D Change of the PWM pulse widths within and after each PWM period as needed D External-maskable power and drive-protection interrupts D Pulse-pattern-generator circuit, for programmable generation of asymmetric, symmetric, and four-space vector PWM waveforms D Minimized CPU overhead using auto-reload of the compare and period registers D The PWM pins are driven to a high-impedance state when the PDPINTx pin is driven low and after PDPINTx signal qualification. The PDPINTx pin (after qualification) is reflected in bit 8 of the COMCONx register. − PDPINTA pin status is reflected in bit 8 of COMCONA register. − PDPINTB pin status is reflected in bit 8 of COMCONB register. capture unit The capture unit provides a logging function for different events or transitions. The values of the selected GP timer counter is captured and stored in the two-level-deep FIFO stacks when selected transitions are detected on capture input pins, CAPx (x = 1, 2, or 3 for EVA; and x = 4, 5, or 6 for EVB). The capture unit consists of three capture circuits. Capture units include the following features: D One 16-bit capture control register, CAPCONx (R/W) D One 16-bit capture FIFO status register, CAPFIFOx D Selection of GP timer 1/2 (for EVA) or 3/4 (for EVB) as the time base D Three 16-bit 2-level-deep FIFO stacks, one for each capture unit D Three capture input pins (CAP1/2/3 for EVA, CAP4/5/6 for EVB)—one input pin per capture unit. [All inputs are synchronized with the device (CPU) clock. In order for a transition to be captured, the input must hold at its current level to meet two rising edges of the device clock. The input pins CAP1/2 and CAP4/5 can also be used as QEP inputs to the QEP circuit.] D User-specified transition (rising edge, falling edge, or both edges) detection D Three maskable interrupt flags, one for each capture unit quadrature-encoder pulse (QEP) circuit Two capture inputs (CAP1 and CAP2 for EVA; CAP4 and CAP5 for EVB) can be used to interface the on-chip QEP circuit with a quadrature encoder pulse. Full synchronization of these inputs is performed on-chip. Direction or leading-quadrature pulse sequence is detected, and GP timer 2/4 is incremented or decremented by the rising and falling edges of the two input signals (four times the frequency of either input pulse). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |