Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXLE7050A Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXLE7050A
Description  High Stability SMD (VC)TCXO in 7x5 mm package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE7050A Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXLE7050A Datasheet HTML 1Page - Advanced XTAL Products AXLE7050A Datasheet HTML 2Page - Advanced XTAL Products AXLE7050A Datasheet HTML 3Page - Advanced XTAL Products AXLE7050A Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AXLE7050A Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 3(4) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Handling and Testing 
 
Parameter 
Procedure
Source 
Handling and Testing 
Application Note AXAN‐011
www.axtal.com 
Processing 
Application Note AXAN‐012
www.axtal.com 
 
Parameter 
Procedure
Condition 
Electrostatic discharge (ESD) 
      THD devices 
IEC60749‐26
HBM
2000 V 
      SMD devices 
IEC60749‐27
MM
200 V 
Washable 
  Yes      No
RoHS compliant 
  Yes      No
 
 
 
Enclosure drawing 
 
 
 
Soldering pattern: 
 
 
 
Pin connections 
Pin #
Symbol
Function 
1
I.C. or
VC
Do not connect  or 
Control Voltage (EFC) 
2
GND
Ground 
3
RF OUT
RF Output 
4
VS
Supply Voltage 
*
I.C.
Do not connect 
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com