Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXDO9000 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXDO9000
Description  High Stability Low Noise Rubidium Frequency Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXDO9000 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXDO9000 Datasheet HTML 1Page - Advanced XTAL Products AXDO9000 Datasheet HTML 2Page - Advanced XTAL Products AXDO9000 Datasheet HTML 3Page - Advanced XTAL Products AXDO9000 Datasheet HTML 4Page - Advanced XTAL Products AXDO9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXRB9000 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max. Unit
Condition
Nominal output frequency
10.000
MHz
Frequency stability
vs. operating temperature range
±0.1
ppb
steady state
Long term (aging) per month
±0.03
ppb
after 3 months operation
Long term (aging) 1
st year
±0.2
ppb
after 3 months operation
Long term (aging) over 10 years
±1
ppb
after 3 months operation
Frequency adjustment range
Mechanical Frequency Control
±2.5
ppb
By trimmer access (Note 3)
RF output
RF output ports
1 Rubidium direct output
3 splitted outputs
See block diagram and
enclosure drawing
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level per port
+12
+7
+14
+9
dBm
dBm
Rubidium direct output
Splitted outputs
Isolation between splitted ports
30
40
dB
Harmonics
-40
dBc
Spurious
-80
dBc
Phase noise (Note 4)
See table 1
Option 1
Short-tem stability (ADEV) (Note 4)
1·10
-11
3·10
-12
1·10
-12
@ τ = 1 sec
@ τ = 10 sec
@ τ = 100 sec
Warm-up time @ +25°C (Note 2)
15
min
< ±0.5 ppb
Retrace
±0.05
ppb
1 h after 24 hrs OFF
AC Supply voltage VS
100
230
240
V
IEC 60320-1 / C14
AC Supply input frequency
50
60
Hz
Power consumption (steady state)
15
W
@ +25°C
Power consumption (warm-up)
30
W
Operating temperature range
0
+50
°C
Enclosure (see drawing) (WxDxH)
483x250x88
mm
RF Connectors
BNC female
@ Rear plate
Weight
8
kg
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Warm-up indicator at front plate. Indicator ON when Rubidium locked.
3.
Trimmer accessible at front plate. Adjustment range sufficient for 15 years operation.
4.
Other stabilities and phase noise on request
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
AC Supply Voltage VS
90
260
V
AC Supply input frequency
47
63
Hz
AC Supply input current
1
A
Fuse accessible at rear plate
Splitter input level (SPLIT IN)
+20
dBm
Storage Temperature
-20
+70
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com