Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3APFP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 3 Page - Texas Instruments

  TSB41BA3APFP Datasheet HTML 1Page - Texas Instruments TSB41BA3APFP Datasheet HTML 2Page - Texas Instruments TSB41BA3APFP Datasheet HTML 3Page - Texas Instruments TSB41BA3APFP Datasheet HTML 4Page - Texas Instruments TSB41BA3APFP Datasheet HTML 5Page - Texas Instruments TSB41BA3APFP Datasheet HTML 6Page - Texas Instruments TSB41BA3APFP Datasheet HTML 7Page - Texas Instruments TSB41BA3APFP Datasheet HTML 8Page - Texas Instruments TSB41BA3APFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
TSB41BA3A
SLLA224A – JUNE 2006 – REVISED OCTOBER 2006
.
NOTE:
The BMODE terminal does not select the cable interface mode of operation. The
BMODE terminal selects the PHY-link interface mode of operation and affects the
arbitration modes on the cable. When the BMODE terminal is deasserted, the
PHY-link interface is placed in 1394a-2000 mode and BOSS arbitration is disabled.
When the BMODE terminal is asserted, the PHY-link interface is placed in
1394b-2002 mode and BOSS arbitration is enabled.
During packet reception, the serial data bits are split into 2-, 4-, or 8-bit parallel streams (depending on the
indicated receive speed and the PHY-link interface mode of operation), resynchronized to the local system clock,
and sent to the associated LLC. The received data is also transmitted (repeated) on the other connected and
active cable ports.
Both the twisted pair A (TPA) and the twisted pair B (TPB) cable interfaces incorporate differential comparators
to monitor the line states during initialization and arbitration when connected to a 1394a-2000-compliant device.
The outputs of these comparators are used by the internal logic to determine the arbitration status. The TPA
channel monitors the incoming cable common-mode voltage. The value of this common-mode voltage is used
during 1394a-mode arbitration and sets the speed of the next packet transmission. In addition, the TPB channel
monitors the incoming cable common-mode voltage on the TPB pair for the presence of the remotely supplied
twisted pair bias (TPBIAS) voltage.
When connected to a 1394a-2000-compliant node, the TSB41BA3A provides a 1.86-V nominal bias voltage at
the TPBIAS terminal for port termination. The PHY contains three independent TPBIAS circuits (one for each
port). This bias voltage, when seen through a cable by a remote receiver, indicates the presence of an active
connection. This bias voltage source must be stabilized by an external filter capacitor of 1
µF.
The line drivers in the TSB41BA3A are designed to work with external 112-
Ω termination resistor networks in
order to match the 110-
Ω cable impedance. One termination network is required at each end of a twisted-pair
cable. Each network is composed of a pair of series-connected ~56-
Ω resistors. The midpoint of the pair of
resistors that is connected to the TPA terminals is connected to its corresponding TPBIAS voltage terminal. The
midpoint of the pair of resistors that is directly connected to the TPB terminals is coupled to ground through a
parallel RC network with recommended values of 5 k
Ω and 270 pF. The values of the external line-termination
resistors are designed to meet the standard specifications when connected in parallel with the internal receiver
circuits. A precision external resistor connected between the R0 and R1 terminals sets the driver output current,
along with other internal operating currents.
When the power supply of the TSB41BA3A is off while the twisted-pair cables are connected, the TSB41BA3A
transmitter and receiver circuitry present a high-impedance signal to the cable that does not load the device at
the other end of the cable.
When the TSB41BA3A is used without one or more of the ports brought out to a connector, the twisted-pair
terminals of the unused ports must be terminated for reliable operation. For each unused port, the preferred
method is for the port to be forced to the 1394a-only mode (data-strobe-only mode, DS), then the TPB+ and
TPB– terminals can be tied together and then pulled to ground; or the TPB+ and TPB– terminals can be
connected to the suggested normal termination network. The TPA+ and TPA– terminals of an unused port can
be left unconnected. The TPBIAS#_SD# terminal can be left unconnected.
If the port is left in bilingual (Bi) mode, then the TPB+ and TPB– terminals can be left unconnected or the TPB+
and TPB– terminals can be connected to the suggested normal termination network. The TPA+ and TPA–
terminals of an unused port can be left unconnected. The TPBIAS#_SD# terminal can be left unconnected.
If the port is left in a forced 1394b Beta-only (B1, B2, or B4) mode, then the TPB+ and TPB– terminals can be
left unconnected or the TPB+ and TPB– terminals can be connected to the suggested normal termination
network. The TPA+ and TPA– terminals of an unused port can be left unconnected. The TPBIAS#_SD# terminal
must be pulled to ground through a 1.2-k
Ω or smaller resistor.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com