Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3DPFP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3DPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3DPFP Datasheet(HTML) 47 Page - Texas Instruments

Back Button TSB81BA3DPFP Datasheet HTML 43Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 44Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 45Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 46Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 47Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 48Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 49Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 50Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
status transfer
A status transfer is initiated by the PHY when there is status information to be transferred to the LLC. Two types
of status transfers may occur: bus status transfer and PHY status transfer. Bus status transfers send the
following status information: bus reset indications, subaction and arbitration reset gap indications, cycle start
indications, and PHY interface reset indications. PHY status transfers send the following information: PHY
interrupt indications, unsolicited and solicited PHY register data, bus initialization indications, and PHY-link
interface error indications. The PHY uses a different mechanism to send the bus status transfer and the PHY
status transfer.
Bus status transfers use the CTL0−CTL1 and D0−D7 terminals to transfer status information. Bus status trans-
fers can occur during idle periods on the PHY-link interface or during packet reception. When the status transfer
occurs, a single PCLK cycle of status information is sent to the LLC. The information is sent such that each indi-
vidual Dn terminal conveys a different bus status transfer event. During any bus status transfer, only one status
bit is set. If the PHY-link interface is inactive, then the status information is not sent. When a bus reset on the
serial bus occurs, the PHY sends a bus reset indication (via the CTLn and Dn terminals), cancels all packet
transfer requests, sets asynchronous and isochronous phases to even, forwards self-ID packets to the link, and
sends an unsolicited PHY register 0 status transfer (via the PINT terminal) to the LLC. In the case of a PHY
interface reset operation, the PHY-link interface is reset on the following PCLK cycle.
Table 32 shows the definition of the bits during the bus status transfer and Figure 22 shows the timing.
Table 32. Status Bits
STATUS BIT
DESCRIPTION
D0
Bus Reset
D1
Arbitration Reset Gap—Odd
D2
Arbitration Reset Gap—Even
D3
Cycle Start—Odd
D4
Cycle Start—Even
D5
Subaction Gap
D6
PHY Interface Reset
D7
Reserved
D[0:7]
XX
ST
XX
CTL[0:1]
XX
01
XX
Status Bits
Figure 22. Bus Status Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com