Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTCH102T-E/SS Datasheet(PDF) 9 Page - Microchip Technology

Part # MTCH102T-E/SS
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102T-E/SS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MTCH102T-E/SS Datasheet HTML 5Page - Microchip Technology MTCH102T-E/SS Datasheet HTML 6Page - Microchip Technology MTCH102T-E/SS Datasheet HTML 7Page - Microchip Technology MTCH102T-E/SS Datasheet HTML 8Page - Microchip Technology MTCH102T-E/SS Datasheet HTML 9Page - Microchip Technology MTCH102T-E/SS Datasheet HTML 10Page - Microchip Technology MTCH102T-E/SS Datasheet HTML 11Page - Microchip Technology MTCH102T-E/SS Datasheet HTML 12Page - Microchip Technology MTCH102T-E/SS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 9
MTCH102/5/8
3.0
SENSITIVITY ADJUSTMENT
The sensitivity of the sensor inputs determines how far
it can respond to proximity or how much capacitance is
required to activate a touch. The voltage on the
MTCH102/5/8 MTSA pin will determine the sensitivity.
VDD voltage will give the lowest sensitivity, while VSS
voltage will give the highest. The device will sample the
voltage on the MTSA pin after every 32nd scan, so it
does not only support setting a fixed sensitivity by a
resistor ladder, but it also allows adjusting the
sensitivity dynamically while the device is running. A
Digital-to-Analog Converter (DAC) controlled by the
host or a hardware potentiometer can be used to adjust
the sensitivity. Refer to the typical circuit in Figure 3-1
to Figure 3-4.
FIGURE 3-1:
FIXED SENSITIVITY
USING RESISTOR
LADDER
FIGURE 3-2:
HARDWARE SENSITIVITY
ADJUST USING
POTENTIOMETER
FIGURE 3-3:
SENSITIVITY
CONTROLLED BY HOST
USING DAC
FIGURE 3-4:
SENSITIVITY
CONTROLLED BY HOST
USING PWM
Note:
Both R1 and R2 are recommended
to be greater than 100K for lower
power consumption.
10k
R3
R1
VDD
R2
MTSA
10k
R2
R1
VDD
MTSA
10k
R2
MTSA
Host
DAC
Note:
Refer to Application Note “Using PWM to
Generate Analog Output”
(AN538) for
details about how to choose appropriate
R and C values.
R
MTSA
Host
PWM
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com