Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9904T-2E/RW Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP9904T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/RW Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP9904T-2E/RW Datasheet HTML 16Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 17Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 18Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 19Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 20Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 21Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 22Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 23Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
16h
EXT2 LO LIMIT TEMP HI BYTE
E2LLH7
E2LLH6
E2LLH5
E2LLH4
E2LLH3
E2LLH2
E2LLH1
E2LLH0
00h
(0°C)
17h
EXT2 HI LIMIT TEMP LO BYTE
E2HLL2
E2HLL1
E2HLL0
—
—
—
—
—00h
18h
EXT2 LO LIMIT TEMP LO BYTE
E2LLL2
E2LLL1
E2LLL0
—
—
—
—
—00h
19h
EXT1 THERM LIMIT
E1THL7
E1THL6
E1THL5
E1THL4
E1THL3
E1THL2
E1THL1
E1THL0
55h
(+85°C)
1Ah
EXT2 THERM LIMIT
E2THL7
E2THL6
E2THL5
E2THL4
E2THL3
E2THL2
E2THL1
E2THL0
55h
(+85°C)
1Bh
EXT DIODE FAULT STS
—
—
—
—
E3FLT
E2FLT
E1FLT
—00h
1Fh
DIODE FAULT MASK
—
—
—
—
E3MSK
E2MSK
E1MSK
INTMSK
00h
20h
INT DIODE THERM LIMIT
IDTHL7
IDTHL6
IDTHL5
IDTHL4
IDTHL3
IDTHL2
IDTHL1
IDTHL0
55h
(+85°C)
21h
THRM HYS
THMH7
THMH6
THMH5
THMH4
THMH3
THMH2
THMH1
THMH0
0Ah
(+10°C)
22h
CONSEC ALRT
TMOUT
CTHM2
CTHM1
CTHM0
CALRT2
CALRT1
CALRT0
—
70h
23h
EXT2 TEMP HI BYTE
E2THB7
E2THB6
E2THB5
E2THB4
E2THB3
E2THB2
E2THB1
E2THB0
00h
24h
EXT2 TEMP LO BYTE
E2TLB2
E2TLB1
E2TLB0
—
—
—
—
—00h
25h
EXT1 BETA CONFIG
—
—
—
—
ENBL1
BETA12
BETA11
BETA10
08h
26h
EXTD2 BETA CFG
—
—
—
—
ENBL2
BETA22
BETA21
BETA20
08h
27h
EXT1 IDEALITY FACTOR
—
—
IDEL15
IDEL14
IDEL13
IDEL12
IDEL11
IDEL10
12h
(1.008)
28h
EXT2 IDEALITY FACTOR
—
—
IDEL25
IDEL24
IDEL23
IDEL22
IDEL21
IDEL20
12h
(1.008)
29h
INT TEMP LO BYTE
ITLB2
ITLB1
ITLB0
—
—
—
—
—00h
2Ah
EXT3 TEMP HI BYTE
E3THB7
E3THB6
E3THB5
E3THB4
E3THB3
E3THB2
E3THB1
E3THB0
00h
2Bh
EXT3 TEMP LO BYTE
E3TLB2
E3TLB1
E3TLB0
—
—
—
—
—00h
2Ch
EXT3 HI LIMIT HI BYTE
E3HLH7
E3HLH6
E3HLH5
E3HLH4
E3HLH3
E3HLH2
E3HLH1
E3HLH0
55h
(+85°C)
2Dh
EXT3 LO LIMIT HI BYTE
E3LLH7
E3LLH6
E3LLH5
E3LLH4
E3LLH3
E3LLH2
E3LLH1
E3LLH0
00h
(0°C)
2Eh
EXT3 HI LIMIT LO BYTE
E3HLL2
E3HLL1
E3HLL0
—
—
—
—
—00h
2Fh
EXTD3 LO LIMIT LO BYTE
E3LLL2
E3LLL1
E3LLL0
—
—
—
—
—00h
30h
EXT3 THERM LIMIT
E3THL7
E3THL6
E3THL5
E3THL4
E3THL3
E3THL2
E3THL1
E3THL0
55h
(+85°C)
TABLE 5-7:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Por Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com