Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE5032P Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE5032P
Description  Programmable Crystal Oscillator in 5x3.2 mm package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE5032P Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE5032P Datasheet HTML 1Page - Advanced XTAL Products AXE5032P Datasheet HTML 2Page - Advanced XTAL Products AXE5032P Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXE5032P Rev.1
www.axtal.com
Roemerring 9
Drawing D2
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE5032P
Rev.: 1
Date: 2014-04-04
Oscillator type:
Programmable Crystal Oscillator in 5x3.2 mm package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
1
1
1
133
100
66
MHz
MHz
MHz
VS = 5 V
VS = 3.3 V
VS = 2.7 V
Programmable frequencies
Any discrete frequency
At delivery
Frequency stability
Overall stability
± 100
± 50
± 25
ppm
ppm
ppm
Option 2 = “100”
Option 2 = “50”
Option 2 = “25”
Long term (aging) per year
± 5
ppm
@ 25°C
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
5
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Start-up time
2
ms
Jitter (RMS)
50
40
ps
ps
Freq ≤ 33 MHz
Freq > 33 MHz
Output Enable/Disable (OE) Input
Open or HIGH: RF output
LOW: Tri-state output
Supply voltage VS
2.5
3.0
4.5
2.7
3.3
5.0
3.0
3.6
5.5
V
V
V
Option 1 = “27”
Option 1 = “33”
Option 1 = ”50”
Current consumption
(steady state, unloaded)
20
25
45
mA
mA
mA
Option 1 = “27”
Option 1 = “33”
Option 1 = ”50”
Operating temperature range
0
-20
-40
+70
+70
+85
°C
°C
°C
Option 3 = “0C”
Option 3 = “2C”
Option 3 = “4C”
Enclosure (see drawing) (LxWxH)
5.16x3.35x1.3 max.
mm
IEC 61837-2
Weight
2
g
Packing
Bulk or Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Storage Temperature
-55
+125
°C
Ordering Code
Model
Option 1
[Supply Voltage]
Option 2
[Stability]
Option 3
[Temperature range]
Revision
Frequency [MHz]
AXE5032P
27, 33, 50
25
0C
Rev.1
12.345678
Example: AXE5032P-50-25-0C_Rev.1 – 12.345678 MHz


Similar Part No. - AXE5032P

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE5032WT AXTAL-AXE5032WT Datasheet
156Kb / 2P
Crystal Oscillator in 5x3.2 mm package
More results

Similar Description - AXE5032P

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Advanced XTAL Products
AXE25 AXTAL-AXE25 Datasheet
102Kb / 3P
Crystal Oscillator (SPXO) in double-sealed DIL14 package
2014-04-04
AXE135M AXTAL-AXE135M Datasheet
140Kb / 3P
Crystal Oscillator (SPXO) in DIL8 package
AXE7050M AXTAL-AXE7050M Datasheet
158Kb / 3P
Crystal Oscillator (SPXO) in 7x5 mm package
2015-11-23
AXE7050P AXTAL-AXE7050P Datasheet
91Kb / 3P
Programmable Crystal Oscillator in 7x5 mm package
2014-04-04
AXE5032WT AXTAL-AXE5032WT Datasheet
156Kb / 2P
Crystal Oscillator in 5x3.2 mm package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com