Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2000 Datasheet(PDF) 21 Page - Texas Instruments

Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2000 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSC2000_13 Datasheet HTML 17Page - Texas Instruments TSC2000_13 Datasheet HTML 18Page - Texas Instruments TSC2000_13 Datasheet HTML 19Page - Texas Instruments TSC2000_13 Datasheet HTML 20Page - Texas Instruments TSC2000_13 Datasheet HTML 21Page - Texas Instruments TSC2000_13 Datasheet HTML 22Page - Texas Instruments TSC2000_13 Datasheet HTML 23Page - Texas Instruments TSC2000_13 Datasheet HTML 24Page - Texas Instruments TSC2000_13 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
www.ti.com
TSC2000
SBAS257
FIGURE 10. X- and Y-Coordinate Touch Screen Scan, Initiated by Host.
Screen
Touch
Issue Interrupt
PENIRQ
Go to Host-Controlled
Conversion
Touch Screen Scan
X and Y
Host Initiated
Done
Done
No
No
Yes
Yes
No
No
Yes
Is Data
Averaging Done
Is Screen
Touched
Is Panel Voltage
Stabilization Done
Turn On Drivers: Y+, Y–
Start Clock
Reset PENIRQ
Store Y-Coordinates in
Y-Register
Power Down A/D Converter
Power Up A/D Converter
Reset PENIRQ and
Scan Trigger
Turn Off Clock
Convert Y-Coordinates
Is PSM = 1
Yes
No
Is Screen
Touched
No
Yes
Is Panel Voltage
Stabilization Done
Convert X-Coordinates
Turn On Drivers: X+, X–
Power Up A/D Converter
No
Yes
Is Data
Averaging Done
Store X-Coordinates
in X-Register
Power Down A/D Converter
Turn Off Clock
Issue Data Available
Done
Host Writes A/D
Converter
Control Register
Conversion Controlled by TSC2000 Initiated By
Host Responding to PENIRQ
In this mode, the TSC2000 will detect when the touch panel is
touched and cause the PENIRQ line to go LOW. The host will
recognize the interrupt request, and then write to the A/D
Converter Control register to select one of the touch screen
scan functions. The conversion process then proceeds as
described above, and as outlined in Figures 10 through 14.
The main difference between this mode and the previous
mode is that the host, not the TSC2000, decides when the
touch screen scan begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com