Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1002I Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB1002I
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002I Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1002I Datasheet HTML 9Page - Texas Instruments TUSB1002I Datasheet HTML 10Page - Texas Instruments TUSB1002I Datasheet HTML 11Page - Texas Instruments TUSB1002I Datasheet HTML 12Page - Texas Instruments TUSB1002I Datasheet HTML 13Page - Texas Instruments TUSB1002I Datasheet HTML 14Page - Texas Instruments TUSB1002I Datasheet HTML 15Page - Texas Instruments TUSB1002I Datasheet HTML 16Page - Texas Instruments TUSB1002I Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
CH1_EQ1
CH1_EQ2
SLP_S0#
RX1P
RX1N
TX1N
TX1P
50
50
Vterm
VCC
GND
RX
TX
VIterm
TXEN1
IDLE1
RXDET1
LOS
Rx
Detect
LOSZ1
RXTERM_EN
Digital FSM
RX2P
TX2N
TX2P
50
50
Vterm
RX
TX
VIterm
TXEN2
IDLE2
RXDET2
LOS
Rx
Detect
LOSZ2
RXTERM_EN
EN
CH2_EQ1
VCC
Power
Management
2.5V
3.3V (+/-10%)
400K
PG
LFPS
LFPS2
LFPS
LFPS1
MODE
CFG1
RSVD1
LFPS1
LOSZ1
LFPS2
LOSZ2
1.2V
CFG2
CH2_EQ2
RX2N
Copyright © 2016, Texas Instruments Incorporated
13
TUSB1002
www.ti.com
SLLSEU4A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TUSB1002 is the industry’s first, dual lane USB 3.1 SuperSpeedPlus redriver. As signals traverse through a
channel (like FR4 trace) the amplitude of the signal is attenuated. The attenuation varies depending on the
frequency content of the signal. Depending the length of the channel this attenuation could be large enough
resulting in signal integrity issues at a USB 3.1 receiver. By placing a TUSB1002 between USB3.1 host and
device the attenuation effect of the channel can eliminated or minimized. The result is a USB3.1 compatible eye
at the devices receiver. With up to 14 receiver equalization settings, the TUSB1002 can support many different
channel loss combinations. The TUSB1002 offers low power consumption on a single 3.3 V supply with its ultra
low power architecture. It supports the USB3.1 low power modes which further reduces idle power consumption.
The TUSB1002 settings are configured through pins. In addition to equalization adjustment, the TUSB1002
provides knobs for adjusting DC gain and voltage output linearity range.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com