Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA111 Datasheet(PDF) 1 Page - ETRI

Part # RA111
Description  ALARM RELAYS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

RA111 Datasheet(HTML) 1 Page - ETRI

  RA111 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2011
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
A: 3 wires(AWG24)
Red, White, Black
Length300mm - Bore 6mm
B: 3 wires(AWG24)
Green, Yellow,Purple
Length300mm - Bore 6 mm
C: 2 wires(AWG24)
Brown
Length300mm- Bore 6 mm
Yellow
Green
Yellow
Purple
Green
Purple
=
40±0.2
=
A
B
40±0.2
3±0.5
55±0.2
4 x
3.5±0.2
Ø
C
Fan
Running
Default
220V~
Yellow
Purple
Output
Brown
Brown
Input
e1
Black
White
Red
Green
RA107
ALARM RELAYS
Desengaging frequency: 15 Hz
Supply RA107: 230 V - 50/60 Hz
Supply RA111: 115V - 50/60 Hz
Operating temperature: 0°C to +70°C
Contact:
Switch off power: 3W
Max. voltage: 100 V
Max. current: 0,25 A
Contact resistence: 150mΩ
RA107 - RA111
Accessories


Similar Part No. - RA111

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
RA111 CIT-RA111 Datasheet
154Kb / 2P
CIT SWITCH
More results

Similar Description - RA111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
ALG01 ETC2-ALG01 Datasheet
103Kb / 1P
ALARM GENERATOR
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
Alarm platform
22-Oct-2007
logo
Systemsensor advanced i...
SSM SYSTEMSENSOR-SSM Datasheet
139Kb / 2P
Alarm Bells
logo
ETRI
RA100 ETRI-RA100 Datasheet
169Kb / 3P
ALARM RELAYS
RA109 ETRI-RA109 Datasheet
145Kb / 1P
ALARM RELAYS
RA104 ETRI-RA104 Datasheet
118Kb / 1P
ALARM RELAYS
logo
Microchip Technology
RE46C165 MICROCHIP-RE46C165_16 Datasheet
563Kb / 30P
Alarm Memory
07/14/15
logo
Roithner LaserTechnik G...
EPD-470-1-0.9 ROITHNER-EPD-470-1-0.9 Datasheet
319Kb / 2P
Alarm systems
logo
Littelfuse
SOLUTIONS-M LITTELFUSE-SOLUTIONS-M Datasheet
172Kb / 1P
Protection Relays and Alarm Systems are supplied with free software.
Rev: 1-A-062916
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com