Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1200 Datasheet(PDF) 20 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 16Page - Texas Instruments SC1200 Datasheet HTML 17Page - Texas Instruments SC1200 Datasheet HTML 18Page - Texas Instruments SC1200 Datasheet HTML 19Page - Texas Instruments SC1200 Datasheet HTML 20Page - Texas Instruments SC1200 Datasheet HTML 21Page - Texas Instruments SC1200 Datasheet HTML 22Page - Texas Instruments SC1200 Datasheet HTML 23Page - Texas Instruments SC1200 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
MSC1200
20
SBAS289E
www.ti.com
DIGITAL BROWNOUT RESET
The Digital Brownout Reset (DBOR) is enabled through
Hardware Configuration Register 1 (HCR1). If the conditions
for proper POR are not met or the device encounters a
brownout condition which does not generate a POR, DBOR
can be used to ensure proper device operation. The DBOR
will hold the state of the device when the power supply drops
below the threshold level programmed in HCR1 and then
generate a reset when the supply rises above the threshold
level. Note that, as the device is released from reset and
program execution begins, the device current consumption
may increase, which can result in a power-supply voltage
drop, which may initiate another brownout condition. Addi-
tionally, the DBOR comparison is done against an analog
reference; therefore, AVDD must be within its valid operating
range for DBOR to function.
The DBOR level should be chosen to match closely with the
application. That is, with a high external clock frequency, the
BOR level should match the minimum operating voltage
range for the device, or improper operation may still occur.
ANALOG LOW VOLTAGE DETECT
The MSC1200 contains an analog low-voltage detect. When
the analog supply drops below the value programmed in
LVDCON (SFR E7H), an interrupt is generated.
POWER-UP—SUPPLY VOLTAGE RAMP RATE
The built-in (on-chip) power-on reset circuitry was designed
to accommodate analog or digital supply ramp rates as slow
as 1V/10ms. To ensure proper operation, the power supply
should ramp monotonically at the specified rate. If DBOR is
enabled, the ramp rate can be slower.
CLOCKS
The MSC1200 can operate in three separate clock modes:
internal oscillator mode (IOM), external clock mode (ECM),
and PLL mode. A block diagram is shown in Figure 11. The
clock mode for the MSC1200 is selected via the CLKSEL bits
in HCR2. IOM is the default mode for the device.
Serial Flash Programming mode uses IO LF mode (the
HCR2 and CLKSEL bits have no effect). Table II shows the
active clock mode for the various startup conditions.
Internal Oscillator
In IOM, the CPU executes either in LF mode (if HCR2,
CLKSEL = 111) or HF mode (if HCR2, CLKSEL = 110).
External Clock
In ECM (HCR2, CLKSEL = 011), the CPU can execute from
an external crystal, external ceramic resonator, external
FIGURE 11. Clock Block Diagram.
100k
Ω
220pF
Ceramic
CAP(1)
STOP
Phase
Detector
XIN
XOUT
Charge
Pump
NOTE: (1) The trace length connecting the CAP pin to the 220pF ceramic capacitor should be as short as possible.
VCO
PLL DAC
PLLDIV
SYSDIV
t
OSC
t
PLL/tIOM
t
SYS
t
CLK
SELECTED CLOCK MODE (HCR2, CLKCON2:0)
STARTUP CONDITION(1)
ACTIVE CLOCK MODE (fSYS)
External Clock Mode (ECM)
Active Clock Present at XIN
External Clock Mode
No Clock Present at XIN
IO LF Mode
Internal Oscillator Mode (IOM)
IO LF Mode
N/A
IO LF Mode
IO HF Mode
N/A
IO HF Mode
PLL(2)
PLL LF Mode
Active 32.768kHz Clock at XIN
PLL LF Mode
No Clock Present at XIN
Nominal: 50% of IO LF Mode Rate
PLL HF Mode
Active 32.768kHz Clock at XIN
PLL HF Mode
No Clock Present at XIN
Nominal: 50% of IO HF Mode Rate
NOTES: (1) Clock detection is only done at startup; refer to Electrical Characteristics parameter tRFD in Figure B.
(2) PLL operation requires that both AVDD and DVDD are within their specified operating range.
TABLE II. Active Clock Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com