Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCL20 Datasheet(PDF) 2 Page - Copal Electronics

Part # JCL20
Description  CONDUCTIVE PLASTIC RECTILINEAR TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

JCL20 Datasheet(HTML) 2 Page - Copal Electronics

  JCL20 Datasheet HTML 1Page - Copal Electronics JCL20 Datasheet HTML 2Page - Copal Electronics JCL20 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JCL/JCL B
POTENTIOMETERS
■ STANDARD SPECIFICATIONS
■ RATED POWER DERATING CURVE
Item
JCL
Part number
10
20
50
100B
200B
300B
500B
Resistance torelance
Resolution
Independent linearity
Effective electrical travel
Mechanical travel
Power rating (at 40 °C)
Dielectric strength
Insulation resistance
Operating force
Stop strength
Maximum traveling speed
Temp. coefficient of resistance
Operating temp. range
Life
Net weight
Protection grade
%
%
mm
mm
Vrms
M
Ω minimum
mN {gf} maximum
N·m {kgf·cm} minimum
mm/s
ppm/°C
°C
cycle
g
W
± 20
10
20
50
100
200
300
500
Minimum effective electrical travel
0.13
0.25
0.6
1.5
3
4
7
1000
 1 min
Essentially infinite
± 0.5
Approx. 23
Approx. 27
Approx. 38
Approx. 182 Approx. 272 Approx. 373 Approx. 555
IP40
1000 (at DC500 V)
147 {15}
1960 {200}
0.196 {2}
0.981 {10}
500
± 400
−40 ~ 85
20 million
10 million
6 million
4 million
+1
0
+1
0
+1
0
+2
0
+2
0
+3
0
+3
0
100
Ambient temperature (C)
– 40
+ 40
+ 85



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com