Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM3-01 Datasheet(PDF) 1 Page - Copal Electronics

Part # LTM3-01
Description  Ultra-Miniature Illuminated Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LTM3-01 Datasheet(HTML) 1 Page - Copal Electronics

  LTM3-01 Datasheet HTML 1Page - Copal Electronics LTM3-01 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LTM3-01
Ultra-Miniature Illuminated Pushbutton Switches
With Connector Socket
RoHS Compliant
■ :WLJPÄJH[PVUZ
Rating
1VA max.
(50mA max.48VDC max)
Initial Contact Resistance 100m
Ω max.
(1.5mA 200μVAC at 1.96N)
Dielectric Strength 250VAC 1 minute
Insulation Resistance 100MΩ min         
(100VDC)
Electrical Life 300,000 operations
Contact Bounce
10 msec. max.
(initial value)
Travel
0.25 mm
Operating Force
(at peak force)
1.37
±0.39N
Operating Temperature Range
−25∼+70℃
Storage Temperature Range
−40∼+70℃
■Part Numbering
LT M G
3
− 01 − L2 R − Z
Series
Clear
Red clear
Green clear
Yellow clear
Button color
Silver plated
Red
Green
Yellow
Gold plated
None
Structure
Metal contacts
Contact plating
Registration No.
C
R
M
Y
G
L2
L5
L8
LED color
■3,+ :WLJPÄJH[PVUZ
Simbol
LED Color
Forward Current
(IF
Forward V
(VF
Reverse Voltage
(VR
nom.
max.
L2
Red
30mA
2.0V
2.5V
DC5V
L5
Green
25mA
2.2V
2.5V
DC5V
L8
Yellow
30mA
2.1V
2.5V
DC5V
■Panel Cut-Out Dimensions
■Features
1. Metal contact for sharp tactile feel.
2. Snap-in panel mount.
3. Connector socket for easy installation.
■Applicable Connector
ZHR-2
(Housing)
by J.S.T. MFG CO.,LTD.


Similar Part No. - LTM3-01

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
LTM3-02-G COPAL-LTM3-02-G Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
LTM3-02-K COPAL-LTM3-02-K Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
LTM3-02-M COPAL-LTM3-02-M Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
LTM3-02-R COPAL-LTM3-02-R Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
More results

Similar Description - LTM3-01

ManufacturerPart #DatasheetDescription
logo
GREATECS
GB15JPD GREATECS-GB15JPD Datasheet
699Kb / 1P
Ultra-Miniature Pushbutton Switches with Fully Illuminated Plungers
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
Illuminated Pushbutton Switches
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
Ultra-Miniature Pushbutton Switches
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
Ultra-Miniature Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com