Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC22G-108 Datasheet(PDF) 2 Page - Copal Electronics

Part # LC22G-108
Description  DC GEARED MOTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LC22G-108 Datasheet(HTML) 2 Page - Copal Electronics

  LC22G-108 Datasheet HTML 1Page - Copal Electronics LC22G-108 Datasheet HTML 2Page - Copal Electronics LC22G-108 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Gear ratio
1/10
1/30
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Gear ratio
1/10
1/30
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Gear ratio
1/10
1/25
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Gear ratio
1/10
1/25
1/50
1/100
1/150
1/300
1/500 1/1000 1/1500
Rated torque
Rated speed
Rated current
No load speed
Part number
Rated voltage
Rated torque
Rated speed
Rated current
No load speed
No load current
Starting torque
Starting current
LC22G-103
LC22G-105
LC22G-107
LC22G-108
LC22G
DC GEARED MOTORS
■ STANDARD SPECIFICATIONS
■ PERFORMANCE CURVES
24 V
12 V
24 V
12 V
1.96 mN·m
4900 min
-1
80 mA
5100 min
-1
160 mA
7000 min
-1
105 mA
6100 min
-1
180 mA
6100 min
-1
8100 min
-1
7300 min
-1
25 mA
50 mA
30 mA
60 mA
10.0 mN·m
11.96 mN·m
14.42 mN·m
11.96 mN·m
350 mA
850 mA
550 mA
600 mA
<Motor only>
<With gearbox>
578
234
121
60
40.5
20.9
12.4
6.1
4.1
4.9
7.8
9.8
14.7
24.5
0.04
0.03
610
244
122
61
41
21
12.5
6.1
4.1
mN·m
min
-1
min
-1
A
LC22G-103
600
244
122
61
40.5
20.4
12.4
6.2
4.1
4.9
7.8
9.8
14.7
24.5
0.06
620
248
124
62
41
20.5
12.5
6.2
4.1
mN·m
min
-1
min
-1
A
LC22G-105
718
237
138
69
45
23.5
14
7.6
5.2
14.7
49.0
78.5 166.7 196.1
294.2
0.1
0.11
0.12
0.1
0.07
800
267
160
80
53
26.5
16
8
5.3
LC22G-107
670
215
126
64.5
42.5
22
13.5
6.8
4.7
14.7
49.0
78.5 166.7 196.1
294.2
0.2
0.17
0.15
0.11
0.08
720
240
144
72
48
24
14.5
7.2
4.8
LC22G-108
Motor only
Gear ratio 1/100
Gear ratio 1/100
Motor only
(Figures in the table are typical values under rated operating condition.)
8000
6000
4000
2000
0
400
300
200
100
80
60
40
20
0
1.96
3.92
5.88
7.84
LC22G - 107
LC22G - 108
80
60
40
20
0
400
300
200
100
0
196
392
588
784
LC22G - 107
LC22G - 108
24
V
T- N
24
V
T-
N
24
V
T- I
12V
T- N
12
V
T- N
24
V
T
- I
T-
η
I
[ mA ]
η
[
%]
N
[ min-1 ]
I
[ mA ]
η
[
%]
N
[ min-1 ]
I
[ mA ]
N
[ min-1 ]
I
[ mA ]
N
[ min-1 ]
8000
6000
4000
2000
0
400
300
200
100
80
60
40
20
0
0.98
1.96
2.94
3.92
LC22G - 103
LC22G - 105
80
60
40
20
0
100
80
60
40
0
9.8
19.6
29.4
39.2
LC22G - 103
LC22G - 105
24 V T- N
24 V
T- N
24 V T
- I
12 V T- N
12 V
T- I
12
V
, 24
V
T
- η
24 V
T- I
12 V
T-
I
12 V
T- N
mN m
mN m
mN m
mN m
Torque
Torque
Torque
Torque
mN·m
min
-1
min
-1
A
mN·m
min
-1
min
-1
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com