Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM1 Datasheet(PDF) 4 Page - Copal Electronics

Part # LTM1
Description  Ultra-Miniature Illuminated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LTM1 Datasheet(HTML) 4 Page - Copal Electronics

  LTM1 Datasheet HTML 1Page - Copal Electronics LTM1 Datasheet HTML 2Page - Copal Electronics LTM1 Datasheet HTML 3Page - Copal Electronics LTM1 Datasheet HTML 4Page - Copal Electronics LTM1 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B
A
LTR
・LTM
■Soldering
Series
LTM
LTR
Manual soldering
380
℃ Max.
3sec. Max.
380
℃ Max.
3sec. Max.
Auto soldering
275
℃ Max.
6sec. Max.
265
℃ Max.
6sec. Max.
Preheating in the Åow line should be 80~120
℃ , 120 sec. max.
Do not dip solder the switches with color buttons or
mounting frames attached. Soldering heat may deform
the accessories or cause ingress of Åux.
■Dimensions of Assembled Switch
■Flux Cleaning
⑴Solvents : Fluorine or Alcohl type
⑵LTM and LTR series are not washable. To wash the PC board,
clean the soldering surface of the PC board with a brush so
that the switch is not exposed to the cleaning solution.
⑶After soldering, wait until the temperature of the terminals
cool down to 90
℃ or below or until the parts are exposed
to room temperature for more than 5 min. before washing.
■Ambient Conditions
⑴In case of switches with silver-plated contacts, do not use in
an environment where there is corrosive gas such as sulfuric or
ammonia gas which may a ect the silver plating.
⑵LTM and LTR series are open-structure switches and should not
be used in a dusty environment.
■Precautions
LED circuit
Accessories
mounting
Use VF=2.0V to calculate.
IF=10mA
Example : E=5V,
Current to be applied to the
LED must be lower than the
forward current (IF) indicated
in the LED Specifications
of each switches. Resistance
value R should be calculated
using the formula on the right.
ling the Mounting Frame
all the mounting frame
hat the tab on the frame
n the same direction as
slot on the switch.
Installing the Button
Install the button so that the protrusions on the switch fit into
the square holes on the button.
The mounting frame cannot be installed with the switch
button installed.
R=
R=
=300Ω
E−VF
5−2.0
0.01
IF
Button
size A
size B
□10用
10mm sq.
□10
10mm sq.
□12.5
12.5mm sq.
φ10用
10mm dia.
φ10
10mm dia.
φ12.5
12.5mm dia.
□7.5用
7.5mm sq.
□7.5
7.5mm sq.
□10
10mm sq.
φ7.5用
7.5mm dia.
φ7.5
7.5mm dia.
φ10
10mm dia.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com