Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHS131 Datasheet(PDF) 1 Page - Copal Electronics

Part # MHS131
Description  Hyper-miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MHS131 Datasheet(HTML) 1 Page - Copal Electronics

  MHS131 Datasheet HTML 1Page - Copal Electronics MHS131 Datasheet HTML 2Page - Copal Electronics MHS131 Datasheet HTML 3Page - Copal Electronics MHS131 Datasheet HTML 4Page - Copal Electronics MHS131 Datasheet HTML 5Page - Copal Electronics MHS131 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MHS
Hyper-miniature Slide Switches
1
2
4
3.5 mm
1
2
4
MHS
PC terminal
Right angle terminal
Surface mount type
MHS 1 2 4
Numberof poles
Terminal styles
Mounting height on PC board
1
2
4
Fig.
2
3
2
3
Number of position
Fig.
Fig.
Code
RoHS Compliant
■Features
2. Available in a wide variety of circuits.
3. Surface mount type also available.
■
Rating
Max. 0.2A 12VDC
(Resistive load)
Min.
10mA 5VDC
(Resistive load)
Initial contact resistance 500Ω max.
(1.5mA 200μVAC)
Dielectric strength
500VAC 1 mnute
Insulation resistance
100MΩ min.
(500VDC)
Electrical life
5,000 cycles
Operating
temperature range
−10∼+70℃
Storage
temperature range
−20∼+80℃
■Part Numbering


Similar Part No. - MHS131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHS133 ETC2-MHS133 Datasheet
266Kb / 4P
Miniature Slide Switches
More results

Similar Description - MHS131

ManufacturerPart #DatasheetDescription
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ASE-SERIES COPAL-ASE-SERIES Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
AS_SERIES COPAL-AS_SERIES Datasheet
878Kb / 3P
Hyper-miniature Slide Switchess
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com