Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM-L2 Datasheet(PDF) 3 Page - Cree, Inc

Part # XM-L2
Description  Cree XLamp XM-L2 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XM-L2 Datasheet(HTML) 3 Page - Cree, Inc

  XM-L2 Datasheet HTML 1Page - Cree, Inc XM-L2 Datasheet HTML 2Page - Cree, Inc XM-L2 Datasheet HTML 3Page - Cree, Inc XM-L2 Datasheet HTML 4Page - Cree, Inc XM-L2 Datasheet HTML 5Page - Cree, Inc XM-L2 Datasheet HTML 6Page - Cree, Inc XM-L2 Datasheet HTML 7Page - Cree, Inc XM-L2 Datasheet HTML 8Page - Cree, Inc XM-L2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® Xm-L2 LED
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 10).
•
Typical CRI for Cool White (5000 K – 8300 K CCT) is 65.
•
Minimum CRI for 70-CRI White is 70.
•
Typical CRI for Neutral White (3700 K – 5000 K CCT) is 75.
•
Minimum CRI for 80-CRI White is 80.
•
Typical CRI for Warm White (2600 K – 3700 K CCT) is 80.
•
Minimum CRI for 85-CRI White is 85.
•
Minimum CRI for 90-CRI White is 90.
*
Flux values @ 25 °C are calculated and are for reference only.
**
Calculated flux values at 1000 mA, 1500 mA and 2000 mA are for reference only.
FLuX ChArACtEristiCs (t
J = 85 °C)
The following table provides several base order codes for XLamp XM-L2 LeDs. It is important to note that the base order codes listed
here are a subset of the total available order codes for the product family. For more order codes, as well as a complete description of the
order-code nomenclature, please consult the XLamp XM LeD Family Binning and Labeling document.
Color
CCt range
Minimum Luminous Flux (lm)
@ 700 mA
Calculated Minimum Luminous Flux
(lm) @ 85 °C**
order Code
Min.
Max.
Group
Flux (lm) @
85 °C
Flux (lm) @
25 °C*
1000 mA
1500 mA
2000 mA
Cool White
5000 K
8300 K
T5
260
296
357
502
631
XMLBWT-00-0000-0000T5051
T6
280
318
385
541
679
XMLBWT-00-0000-0000T6051
U2
300
342
412
580
728
XMLBWT-00-0000-0000U2051
U3
320
364
439
618
776
XMLBWT-00-0000-0000U3051
Neutral White
3700 K
5000 K
T4
240
273
330
464
582
XMLBWT-00-0000-000LT40E4
T5
260
296
357
502
631
XMLBWT-00-0000-000LT50E4
T6
280
318
385
541
679
XMLBWT-00-0000-000LT60E4
U2
300
342
412
580
728
XMLBWT-00-0000-000LU20E4
Warm White
2600 K
3700 K
T2
200
227
275
386
485
XMLBWT-00-0000-000LT20E7
T3
220
250
302
425
534
XMLBWT-00-0000-000LT30E7
T4
240
273
330
464
582
XMLBWT-00-0000-000LT40E7
T5
260
296
357
502
631
XMLBWT-00-0000-000LT50E7
70-CRI White
3700 K
5000 K
T5
260
296
357
502
631
XMLBWT-00-0000-000BT50E3
T6
280
318
385
541
679
XMLBWT-00-0000-000BT60E3
U2
300
342
412
580
728
XMLBWT-00-0000-000BU20E3
U3
320
364
439
618
776
XMLBWT-00-0000-000BU30E3
80-CRI White
2600 K
4300 K
T2
200
227
275
386
485
XMLBWT-00-0000-000HT20E7
T3
220
250
302
425
534
XMLBWT-00-0000-000HT30E7
T4
240
273
330
464
582
XMLBWT-00-0000-000HT40E7
T5
260
296
357
502
631
XMLBWT-00-0000-000HT50E7
85-CRI White
2600 K
3200 K
S4
164
186
225
317
398
XMLBWT-00-0000-000PS40E7
S5
172
196
236
332
417
XMLBWT-00-0000-000PS50E7
S6
182
207
250
352
442
XMLBWT-00-0000-000PS60E7
T2
200
227
275
386
485
XMLBWT-00-0000-000PT20E7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com